Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 139 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 139 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 133Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 134Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 135Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 136Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 137Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 138Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 139Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 140Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 141Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 139 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 139 of 141
Table 174. Bit Descriptions for REG0E01 (Continued)
Bits
Bit Name
Description
Reset
Access
1010: −10dB.
1011: −11dB.
1100: −12dB.
1101: −13dB.
1110: −14dB.
1111: −15dB.
Address: 0xE02, Reset: 0x00, Name: REG0E02
Figure 325.
Table 175. Bit Descriptions for REG0E02
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
IF_DSA5_GAIN_LUT_0
IF DSA5 Gain LUT Index 0. Provides gain range of 15dB with gain step of 1dB.
0x0
R/W
0000: 0dB.
0001: −1dB.
0010: −2dB.
0011: −3dB.
0100: −4dB.
0101: −5dB.
0110: −6dB.
0111: −7dB.
1000: −8dB.
1001: −9dB.
1010: −10dB.
1011: −11dB.
1100: −12dB.
1101: −13dB.
1111: −14dB.
1110: −15dB.
Address: 0xE03, Reset: 0x00, Name: REG0E03
Figure 326.
Table 176. Bit Descriptions for REG0E03
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
GPO_G_LUT_0
GPO_G LUT Index 0. Use this bit field to set the logic state of the GPO_G outputs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com