Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 133 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 133 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 129Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 130Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 131Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 132Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 133Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 134Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 135Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 136Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 133 of 141
Table 159. Bit Descriptions for REG080C (Continued)
Bits
Bit Name
Description
Reset
Access
0x1D: 10GHz ≤ LO Frequency < 12GHz.
0x1F: LO Frequency < 10GHz.
REGISTER 0X900 TO REGISTER 0XE03
Address: 0x900, Reset: 0x00, Name: REG0900
Figure 310.
Table 160. Bit Descriptions for REG0900
Bits
Bit Name
Description
Reset
Access
7
RF_BAND_SELECT_LUT_A_0
RF Band Select LUT A Index 0.
0x0
R/W
0: Low Band.
1: High Band.
[6:5]
IF_SUBBAND_LUT_A_0
IF Subband LUT A Index 0.
0x0
R/W
00: 8GHz or 10GHz.
01: 6GHz.
11: 4GHz.
[4:0]
LO_X1_FILTER_LUT_A_0
LO x1 Filter LUT A Index 0.
0x0
R/W
00000: LO Frequency ≥ 21GHz.
00001: 17GHz ≤ LO Frequency < 21GHz.
00101: 15GHz ≤ LO Frequency < 17GHz.
01010: 12GHz ≤ LO Frequency < 15GHz.
11111: LO Frequency < 12GHz.
Address: 0x901, Reset: 0x80, Name: REG0901
Figure 311.
Table 161. Bit Descriptions for REG0901
Bits
Bit Name
Description
Reset
Access
7
LO_SIDEBAND_LUT_A_0
LO Sideband LUT A Index 0.
0x1
R/W
0: USB.
1: LSB.
[6:5]
RF_SUBBAND_LUT_A_0
RF Subband LUT A Index 0.
0x0
R/W
00: Low Band.
11: High Band.
[4:0]
LO_X3_FILTER_LUT_A_0
LO x3 Filter LUT A Index 0.
0x0
R/W
00000: LO Frequency ≥ 24GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com