Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 132 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 128Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 129Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 130Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 131Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 132Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 133Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 134Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 135Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 132 of 141
Table 156. Bit Descriptions for REG0809
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LO_PHASE_Q
LO Phase Adjust Q. This bit field adjusts the phase of the Q path within the LO block. It can be used to calibrate the
image rejection.
0x0
R/W
Address: 0x80A, Reset: 0x20, Name: REG080A
Figure 307.
Table 157. Bit Descriptions for REG080A
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
5
LO_BAND
LO Band.
0x1
R/W
0: Low Band.
1: High Band.
[4:0]
LO_PHASE_I
LO Phase Adjust I. This bit field adjusts the phase of the I path within the LO block. It can be used to calibrate the image
rejection.
0x0
R/W
Address: 0x80B, Reset: 0x00, Name: REG080B
Figure 308.
Table 158. Bit Descriptions for REG080B
Bits
Bit Name
Description
Reset
Access
[7:4]
DSAQ_0P1DB
IF DSAQ. 1.5dB Range with 0.1dB Step, Used for IMR Calibration.
0x0
R/W
[3:0]
DSAI_0P1DB
IF DSAI. 1.5dB Range with 0.1dB Step, Used for IMR Calibration.
0x0
R/W
Address: 0x80C, Reset: 0x00, Name: REG080C
Figure 309.
Table 159. Bit Descriptions for REG080C
Bits
Bit Name
Description
Reset
Access
[7:0]
LO_DOUBLER_BAND
LO Double Band. The enumeration values are general guidance. Adjust as needed to achieve system level
spurious specifications.
0x0
R/W
0xC0: LO Frequency ≥ 24GHz.
0x80: 18GHz ≤ LO Frequency < 24GHz.
0x08: 14GHz ≤ LO Frequency < 18GHz.
0x04: 12GHz ≤ LO Frequency < 14GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com