Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 131 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 131 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 127Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 128Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 129Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 130Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 131Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 132Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 133Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 134Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 131 of 141
Table 152. Bit Descriptions for REG0805
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:0]
GPO_F
GPO_F Output State. Use this bit field to set the logic state of the GPO_F outputs.
0x0
R/W
Address: 0x806, Reset: 0x00, Name: REG0806
Figure 303.
Table 153. Bit Descriptions for REG0806
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
DSA2_OFFSET
DSA2 Offset.
0x0
R/W
[3:0]
DSA1_OFFSET
DSA1 Offset.
0x0
R/W
Address: 0x807, Reset: 0x00, Name: REG0807
Figure 304.
Table 154. Bit Descriptions for REG0807
Bits
Bit Name
Description
Reset
Access
[7:4]
DSA4_OFFSET
DSA4 Offset.
0x0
R/W
[3:0]
DSA3_OFFSET
DSA3 Offset.
0x0
R/W
Address: 0x808, Reset: 0x00, Name: REG0808
Figure 305.
Table 155. Bit Descriptions for REG0808
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
DSA5_OFFSET
DSA5 Offset.
0x0
R/W
Address: 0x809, Reset: 0x00, Name: REG0809
Figure 306.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com