Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ-R7 Datasheet(PDF) 134 Page - Analog Devices

Part # ADMV1455BBCZ-R7
Description  17.7GHz to 55GHz, Wideband, Microwave Downconverter
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV1455BBCZ-R7 Datasheet(HTML) 134 Page - Analog Devices

Back Button ADMV1455BBCZ-R7 Datasheet HTML 130Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 131Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 132Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 133Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 134Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 135Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 136Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 137Page - Analog Devices ADMV1455BBCZ-R7 Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 141 page
background image
Data Sheet
ADMV1455
REGISTER DETAILS
analog.com
Rev. 0 | 134 of 141
Table 161. Bit Descriptions for REG0901 (Continued)
Bits
Bit Name
Description
Reset
Access
00010: 21GHz ≤ LO Frequency < 24GHz.
00011: 19GHz ≤ LO Frequency < 21GHz.
00100: 17GHz ≤ LO Frequency < 19GHz.
00101: 15GHz ≤ LO Frequency < 17GHz.
11100: LO Frequency < 12GHz.
00111: 12GHz ≤ LO Frequency < 15GHz.
Address: 0x902, Reset: 0x00, Name: REG0902
Figure 312.
Table 162. Bit Descriptions for REG0902
Bits
Bit Name
Description
Reset
Access
[7:4]
LPF_VALUE_LUT_A_0
LPF Value LUT A Index 0. Cutoff frequency is inversely proportional to this bit field value.
0x0
R/W
[3:0]
LO_X4_FILTER_LUT_A_0
LO x4 Filter LUT A Index 0.
0x0
R/W
0000: 10GHz ≤ LO Frequency < 14GHz.
0101: 14GHz ≤ LO Frequency < 18GHz.
0111: LO Frequency ≥ 18GHz.
1000: LO Frequency < 10GHz.
Address: 0x903, Reset: 0x00, Name: REG0903
Figure 313.
Table 163. Bit Descriptions for REG0903
Bits
Bit Name
Description
Reset
Access
[7:0]
LO_TRAP_FILTER_LUT_A_0[7:0]
LO Trap Filter LUT A Index 0.
0x0
R/W
0x1E7: LO Frequency ≥ 21GHz.
0x1A7: 18.5GHz ≤ LO Frequency < 21.0GHz.
0x1A3: 14.5GHz ≤ LO Frequency < 18.5GHz.
0x3AA: 12.0GHz ≤ LO Frequency < 14.5GHz.
0x318: LO Frequency < 12GHz.
Address: 0x904, Reset: 0x00, Name: REG0904
Figure 314.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com