Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 112 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 112 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 108Page - Analog Devices DFE252012F-R47M Datasheet HTML 109Page - Analog Devices DFE252012F-R47M Datasheet HTML 110Page - Analog Devices DFE252012F-R47M Datasheet HTML 111Page - Analog Devices DFE252012F-R47M Datasheet HTML 112Page - Analog Devices DFE252012F-R47M Datasheet HTML 113Page - Analog Devices DFE252012F-R47M Datasheet HTML 114Page - Analog Devices DFE252012F-R47M Datasheet HTML 115Page - Analog Devices DFE252012F-R47M Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
ADC_CFG4 (0x95)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[2:0]
–
–
CH11_AVG
CH10_AVG
CH9_AVG
Reset
0x0
–
–
0x0
0x0
0x0
Access
Type
Write, Read
–
–
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:5
O
Reserved. Returns 0.
CH11_AVG
2
O
ADC Channel11 Data Averaging Control
0x0 = Disable.
0x1 = Enable.
CH10_AVG
1
O
ADC Channel10 Data Averaging Control
0x0 = Disable.
0x1 = Enable.
CH9_AVG
0
O
ADC Channel9 Data Averaging Control
0x0 = Disable.
0x1 = Enable.
ADC_CFG5 (0x96)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
SYS_RNG
RESERVED
AVG_CNT[1:0]
MEAS_C
MEAS_S
Reset
0x0
0x0
0x0
0x0
0x0
0x0
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
TYPE
DESCRIPTION
DECODE
RESERVED
7:6
O
Reserved. Returns 0.
SYS_RNG
5
O
ADC Channel9 SYS Voltage
Measurement Range Setting
0x0 = 2.0V to 6.08V with 16mV LSB.
0x1 = 2.0V to 18.32V with 64mV LSB.
RESERVED
4
O
Reserved. Returns 0.
AVG_CNT
3:2
O
ADC Averaging Count Setting
0x0 = 2 points.
0x1 = 4 points.
0x2 = 8 points.
0x3 = 16 points.
MEAS_C
1
O
ADC Continuous Measurement Control
0x0 = Disable.
0x1 = Enable (update ADC readback every
second).
MEAS_S
0
O
ADC Single Measurement Control
0x0 = Disable.
0x1 = Enable (this bit is ignored when
MEAS_C = 1).
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com