Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE252012F-R47M Datasheet(PDF) 113 Page - Analog Devices

Part # DFE252012F-R47M
Description  16VIN/16A, Quad-Phase High-Efficiency Buck Converter
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DFE252012F-R47M Datasheet(HTML) 113 Page - Analog Devices

Back Button DFE252012F-R47M Datasheet HTML 109Page - Analog Devices DFE252012F-R47M Datasheet HTML 110Page - Analog Devices DFE252012F-R47M Datasheet HTML 111Page - Analog Devices DFE252012F-R47M Datasheet HTML 112Page - Analog Devices DFE252012F-R47M Datasheet HTML 113Page - Analog Devices DFE252012F-R47M Datasheet HTML 114Page - Analog Devices DFE252012F-R47M Datasheet HTML 115Page - Analog Devices DFE252012F-R47M Datasheet HTML 116Page - Analog Devices DFE252012F-R47M Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
Applications Information—Quad-Phase Configurable Buck Converter
Inductor Selection
An inductor with a saturation current that is greater than or equal to the peak current limit setting (IPLIM) is recommended.
The load current requirement (per phase) of the system is also a consideration when choosing the RMS current rating
of the inductor. Inductors with lower saturation current and higher DCR ratings tend to be physically small. However,
higher values of DCR reduce the efficiency. To choose a suitable inductor for the given application, consider the trade-off
between the size of the inductor versus the DCR value. It is recommended to choose an inductance so that the ratio of
the inductor's ripple current to the average current is between 30% and 60%.
Consider the output-voltage range and switching frequency when choosing the inductance. In general, 0.47μH is suitable
for low-range outputs with 1.0MHz or 1.5MHz switching frequency. For mid-range and high-range outputs, 1.0μH–1.5μH
is recommended. Note that higher inductances slow down the maximum slew rate of the inductor current, and high-duty
cycles (VIN close to VOUT) coupled with large inductance can slow down the load transient response.
Table 19. Recommended Inductors
MANUFACTURER
PART NUMBER
INDUCTANCE (μH)
TYPICAL
DCR (mΩ)
TYPICAL
ISAT (A)
TYPICAL
ITEMP (A)
DIMENSION
(L x W x H) (mm)
DFE252012F-R47M
0.47 ±20%
23
6.7
4.9
2.5 x 2.0 x 1.2
DFE252012F-1R0M
1.0 ±20%
40
4.7
3.3
2.5 x 2.0 x 1.2
XEL4020-152ME
1.5 ±20%
21.45
7.4
5.2
4.0 x 4.0 x 3.25
For multiphase configurations, each phase on the same output needs its own inductor with the same inductance value
(do not short the LX nodes of different phases together on the PCB). See the Phase and Output Configuration section for
more information regarding different phase configurations.
Input-Capacitor Selection
The input capacitor (CIN) reduces the current peaks drawn from the battery or the input power source and reduces
switching noise in the device. The impedance of the CIN at the switching frequency should be kept very low. Ceramic
capacitors with X7R dielectric are highly recommended due to their small size, low ESR, and small temperature
coefficients. For most applications, a 10μF capacitor is sufficient.
Output-Capacitor Selection
The output-capacitor (COUT) is required to keep the output-voltage ripple small and to ensure regulation loop stability.
The COUT must have low impedance at the switching frequency. Ceramic capacitors with X7R dielectric are highly
recommended due to their small size, low ESR, and small temperature coefficients. The recommended minimum
effective output capacitance per phase is shown in Table 20.
Table 20. Recommended Minimum Effective Output Capacitance
VOUT RANGE
SWITCHING FREQUENCY
MINIMUM EFFECTIVE COUT*
Low (0.3V to 1.3V)
1MHz
42μF
Mid (0.6V to 2.6V)
1MHz
24μF
High (1.2V to 5.2V)
1MHz
16μF
*Required minimum COUT(EFF) is inversely proportional to the switching frequency setting. For example, a buck output
using Mx_RNG = 0x0 and 1MHz switching frequency requires 83μF of minimum effective output capacitance. Changing
the switching frequency to 1.5MHz decreases the effective output capacitance requirement to 56μF (= 83μF/1.5).
The effective COUT is the actual capacitance value seen by the buck output during operation. The nominal capacitance
(COUT) needs to be selected carefully by considering the capacitor's initial tolerance, variation with temperature, and
derating with DC bias. Refer to Tutorial 5527 for more information. Larger values of the COUT (above the required
minimum effective) improve load transient performance, but increase the input inrush currents during startup. The output
filter capacitor must have low enough ESR to meet output ripple and load transient requirements. The output capacitance
MAX77542
16VIN/16A, Quad-Phase High-Efficiency Buck
Converter
www.analog.com
Analog Devices | 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com