Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments PCI1221 Datasheet HTML 38Page - Texas Instruments PCI1221 Datasheet HTML 39Page - Texas Instruments PCI1221 Datasheet HTML 40Page - Texas Instruments PCI1221 Datasheet HTML 41Page - Texas Instruments PCI1221 Datasheet HTML 42Page - Texas Instruments PCI1221 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power management overview
TI has expended great effort to provide a high-performance device with low power consumption. In addition to
the low-power CMOS technology process used for the PCI1221, various features are designed into the device
to allow implementation of popular power-saving techniques. These features and techniques are discussed in
this section.
clock run protocol
The PCI CLKRUN feature is the primary method of power management on the PCI interface of the PCI1221.
CLKRUN signalling is provided through the MFUNC6 terminal. Since some chip sets do not implement
CLKRUN, this is not always available to the system designer, and alternate power savings features are
provided. For details on the CLKRUN protocol refer to the
PCI Mobile Design Guide.
The PCI1221 does not permit the central resource to stop the PCI clock under any of the following conditions:
D The KEEPCLK bit in the system control register is set.
D The PC Card-16 resource manager is busy.
D The PCI1221 CardBus master state machine is busy. A cycle may be in progress on CardBus.
D The PCI1221 master is busy. There may be posted data from CardBus to PCI in the PCI1221.
D There are pending interrupts.
D The CardBus CCLK for either socket has not been stopped by the PCI1221 CLKRUN manager.
The PCI1221 restarts the PCI clock using the CLKRUN protocol under any of the following conditions:
D A PC Card-16 IREQ or a CardBus CINT has been asserted by either card.
D A CardBus wakeup (CSTSCHG) or PC Card-16 STSCHG/RI event occurs in either socket.
D A CardBus attempts to start the CCLK using CCLKRUN.
D A CardBus card arbitrates for the CardBus bus using CREQ.
CardBus PC card power management
The PCI1221 implements its own card power management engine that can be used to turn off the CCLK to a
socket when there is no activity to the CardBus PC Card. The PCI clock-run protocol is followed on the CardBus
CCLKRUN interface to control this clock management.
16-Bit PC card power mManagement
The COE and PWRDOWN bits in the ExCA registers are provided for 16-bit PC Card power management. The
COE bit three states the card interface to save power. The power savings when using this feature are minimal.
The COE bit will reset the PC Card when used, and the PWRDOWN bit will not. Furthermore, the PWRDOWN
bit is an automatic COE, that is, the PWRDOWN performs the COE function when there is no card activity.
NOTE:
The 16-bit PC Card must implement the proper pullup resistors for the COE and PWRDOWN
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com