Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments PCI1221 Datasheet HTML 66Page - Texas Instruments PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments PCI1221 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
device control register
Bit
7
6
5
4
3
2
1
0
Name
Device control
Type
R
R/W
R/W
R
R/W
R/W
R/W
R
Default
0
1
1
0
0
1
1
0
Register:
Device control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
92h (functions 0, 1)
Default:
66h
Description: The device control register is provided for PCI1130 compatibility and contains bits that are
shared between functions 0 and 1. The interrupt mode select is programmed through this
register which is composed of PCI1221 global bits. The socket-capable force bits are also
programmed through this register. See Table 25 for a complete description of the register
contents.
Table 25. Device Control Register
BIT
SIGNAL
TYPE
FUNCTION
7
RSVD
R
Reserved. Bit 7 Returns 0 when read.
6†
3VCAPABLE
R/W
3-V socket capable force
0 = Not 3-V capable
1 = 3-V capable (default)
5
IO16R2
R/W
Diagnostic bit. This bit defaults to 1.
4
RSVD
R
Reserved. Bit 4 returns 0 when read. Write transactions have no effect.
3†
TEST
R/W
TI test. Only a 0 should be written to bit 3.
2–1
INTMODE
R/W
Interrupt mode. Bit 2–1 select the interrupt signaling mode. The interrupt mode bits are encoded:
00 = Parallel PCI interrupts only
01 = Parallel IRQ and parallel PCI interrupts
10 = IRQ serialized interrupts and parallel PCI interrupt
11 = IRQ and PCI serialized interrupts (default)
0†
RSVD
R/W
Reserved. This read/write bit is reserved for test purposes. O
nly 0 should be written to this bit.
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com