Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments PCI1221 Datasheet HTML 71Page - Texas Instruments PCI1221 Datasheet HTML 72Page - Texas Instruments PCI1221 Datasheet HTML 73Page - Texas Instruments PCI1221 Datasheet HTML 74Page - Texas Instruments PCI1221 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power-management control/status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power-management control/status
Type
R/C
R
R
R
R
R
R
R/W
R
R
R
R
R
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Power-management control/status
Type:
Read only, read/write, read/clear (see individual bit descriptions)
Offset:
A4h (functions 0, 1)
Default:
0000h
Description: The power-management control/status register determines and changes the current power
state of the PCI1221 CardBus function. The contents of this register are not affected by the
internally-generated reset caused by the transition from D3hot to D0 state. See Table 28 for a
complete description of the register contents.
Table 28. Power-Management Control/Status Register
BIT
SIGNAL
TYPE
FUNCTION
15
PMESTAT
R/C
PME status. Bit 15 is set when the CardBus function would normally assert PME, independent
of the state of the PME_EN bit. Bit 15 is cleared by a write back of 1, and this also clears the
PME signal if PME was asserted by this function. Writing a 0 to this bit has no effect.
14–13
DATASCALE
R
Data scale. This 2-bit field is read only, returning 0s when read. The CardBus function does not
return any dynamic data as indicated by the DYN_DATA bit.
12–9
DATASEL
R
Data select. This 4-bit field is read only and returns 0s when read. The CardBus function does
not return any dynamic data as indicated by the DYN_DATA bit.
8
R/W
PME enable. Bit 8 enables the function to assert PME. If this bit is cleared, assertion of PME
is disabled.
7–2
RSVD
R
Reserved. Bits 7–2 are read only and return 0s when read.
1–0
PWR_STATE
R/W
Power state. This 2-bit field is used both to determine the current power state of a function, and
to set the function into a new power state. This field is encoded as:
00 = D0
01 = D1
10 = D2
11 = D3hot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com