Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 39Page - Texas Instruments PCI1221 Datasheet HTML 40Page - Texas Instruments PCI1221 Datasheet HTML 41Page - Texas Instruments PCI1221 Datasheet HTML 42Page - Texas Instruments PCI1221 Datasheet HTML 43Page - Texas Instruments PCI1221 Datasheet HTML 44Page - Texas Instruments PCI1221 Datasheet HTML 45Page - Texas Instruments PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI power management (PCIPM) (continued)
The OS identifies the capabilities of the PCI function by traversing the new capabilities list. The presence of new
capabilities is indicated by a 1 in the capabilities list (CAPLIST) bit in the status register (bit 4) and providing
access to a capabilities list.
The capabilities pointer provides access to the first item in the linked list of capabilities. For the PCI1221, a
CardBus bridge with PCI configuration space header type 2, the capabilities pointer is mapped to an offset
of 14h. The first byte of each capability register block is required to be a unique ID of that capability. PCI power
management has been assigned an ID of 01h. The next byte is a pointer to the next pointer item in the list of
capabilities. If there are no more items in the list, the next item pointer should be set to 0. The registers following
the next item pointer are specific to the function’s capability. The PCIPM capability implements the register block
outlined in Table 14.
Table 14. Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
0
Data
PMCSR bridge support extensions
Power-management control status (CSR)
4
The power management capabilities register is a static read-only register that provides information on the
capabilities of the function related to power management. The PMCSR register enables control of
power-management states and enables/monitors power-management events. The data register is an optional
register that can provide dynamic data.
For more information on PCI power management refer to the
PCI Bus Power Management Interface
Specification.
ACPI support
The ACPI specification provides a mechanism that allows unique pieces of hardware to be described to the
ACPI driver. The PCI1221 offers a generic interface that is compliant with ACPI design rules.
Two doublewords of general purpose ACPI programming bits reside in PCI1221 PCI configuration space at
offset A8h. The programming model is broken into status and control functions. In compliance with ACPI, the
top level event status and enable bits reside in GPE_STS and GPE_EN registers. The status and enable bits
are implemented as defined by ACPI, and illustrated in Figure 20.
Status Bit
Event Output
Event Input
Enable Bit
Figure 20. Block Diagram of a Status/Enable Cell
The status and enable bits are used to generate an event that allows the ACPI driver to call a control method
associated with the pending status bit. The control method can then control the hardware by manipulating the
hardware control bits or by investigating child status bits and calling their respective control methods. A
hierarchical implementation would be somewhat limiting, however, as upstream devices would have to remain
in some level of power state to report events.
For more information of ACPI refer to the
Advanced Configuration and Power Interface Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com