Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LED socket activity indicators
The socket activity LEDs are provided to indicate when a PC Card is being accessed. The LEDA1 and LEDA2
signals can be routed to the multifunction terminals. When configured for LED outputs, these terminals output
an active high signal to indicate socket activity. LEDA1 indicates socket 0 (card A) activity, and LEDA2 indicates
socket 1 (card B) activity. The LED_SKT output indicates socket activity to either socket 0 or socket 1. Refer
to the
multifunction routing register description on page 62 for details on configuring the multifunction terminals.
The LED signal is active high and is driven for 64-ms durations. When the LED is not being driven high, it is driven
to a low state. Either of the two circuits shown in Figure 7 can be implemented to provide LED signaling, and
it is left for the board designer to implement the circuit that best fits the application.
The LED activity signals are valid when a card is inserted, powered, and not in reset. For PC Card 16, the LED
activity signals are pulsed when READY/IREQ is low. For CardBus cards, the LED activity signals are pulsed
if CFRAME, IRDY, or CREQ are active.
PCI1221
Application-
Specific Delay
Current Limiting
R
≈ 500 Ω
LED
PCI1221
Current Limiting
R
≈ 500 Ω
LED
Figure 7. Two Sample LED Circuits
As indicated, the LED signals are driven for a period of 64 ms by a counter circuit. To avoid the possibility of
the LEDs appearing to be stuck when the PCI clock is stopped, the LED signaling is cut-off when the SUSPEND
signal is asserted, when the PCI clock is to be stopped during the clock run protocol, or when in the D2 or D1
power state.
If any additional socket activity occurs during this counter cycle, the counter is reset and the LED signal remains
driven. If socket activity is frequent (at least once every 64 ms), the LED signals remain driven.
CardBus socket registers
The PCI1221 contains all registers for compatibility with the latest PCI-to-PCMCIA CardBus bridge
specification. These registers exist as the CardBus socket registers, and are listed in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com