Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 53 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 53 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CardBus latency timer register
Bit
7
6
5
4
3
2
1
0
Name
CardBus latency timer
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
CardBus latency timer
Type:
Read/write
Offset:
1Bh (functions 0, 1)
Default:
00h
Description: This read/write register is programmed by the host system to specify the latency timer for the
PCI1221 CardBus interface in units of CCLK cycles. When the PCI1221 is a CardBus initiator
and asserts CFRAME, the CardBus latency timer begins counting. If the latency timer expires
before the PCI1221 transaction has terminated, then the PCI1221 terminates the transaction
at the end of the next data phase. A recommended minimum value for this register is 20h,
which allows most transactions to be completed.
memory base registers 0, 1
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Memory base registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory base registers 0, 1
Type
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory base registers 0, 1
Type:
Read only, read/write
Offset:
1Ch, 24h
Default:
0000 0000h
Description: The Memory base registers indicate the lower address of a PCI memory address range.
These registers are used by the PCI1221 to determine when to forward a memory transaction
to the CardBus bus and when to forward a CardBus cycle to PCI. Bits 31-12 of these registers
are read/write and allow the memory base to be located anywhere in the 32-bit PCI memory
space on 4K-byte boundaries. Bits 11-0 are read only and always return 0s. Write transactions
to these bits have no effect. Bits 8 and 9 of the bridge control register specify whether memory
windows 0 and 1 are prefetchable or nonprefetchable. The memory base register or the
memory limit register must be nonzero for the PCI1221 to claim any memory transactions
through CardBus memory windows (i.e., these windows are not enabled by default to pass the
first 4K-bytes of memory to CardBus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com