Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 6Page - Texas Instruments PCI1221 Datasheet HTML 7Page - Texas Instruments PCI1221 Datasheet HTML 8Page - Texas Instruments PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 3. 16-Bit PC Card Signal Names by GHK/PDV Pin Number (Continued)
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
R19
110
A_WE
T1
52
B_A12
U5
54
B_A7
P5
50
B_A15
R3
51
B_A23
R6
55
B_A25
R2
49
B_A22
P7
56
B_VS2
W5
58
B_RESET
V5
57
B_A6
U6
59
B_A5
W6
62
B_A3
V6
60
B_A4
P8
63
B_REG
W7
66
B_A1
U7
64
VCC
R8
67
B_A0
W8
70
B_WAIT
U8
68
B_VS1
W9
71
B_BVD2(SPKR)R9
74
B_CD2
V9
72
B_BVD1(STSCHG/RI)
P9
75
GND
U10
78
B_D1
W10
76
B_D0
R10
79
B_D9
V11
82
A_CD1
P10
80
B_D2
U11
83
A_D3
W12
86
VCC
P11
84
A_D11
V12
87
A_D12
R12
90
A_D6
U12
88
A_D5
W13
91
A_D14
P13
94
A_CE1
V13
92
A_D7
W14
95
A_A10
U14
98
A_OE
V14
96
GND
W15
99
A_IORD
R14
102
A_A9
P14
100
A_A11
V15
101
A_IOWR
W16
104
A_A8
R18
109
A_A20
U15
103
A_A17
T19
105
A_A18
N14
108
A_A14
R17
106
A_A13
P15
107
A_A19
W4
53
B_A24
Table 4. 16-Bit PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
A_A0
J19
133
A_A20
R18
109
A_D8
H15
142
A_A1
K14
132
A_A21
P17
111
A_D9
G17
145
A_A2
K15
131
A_A22
P19
114
A_D10
F19
147
A_A3
K19
128
A_A23
N17
116
A_D11
P11
84
A_A4
L15
126
A_A24
N19
118
A_D12
V12
87
A_A5
L17
125
A_A25
M18
121
A_D13
P12
89
A_A6
L19
123
A_BVD1(STSCHG/RI)
H19
138
A_D14
W13
91
A_A7
M15
119
A_BVD2(SPKR)
J15
137
A_D15
U13
93
A_A8
W16
104
A_CD1
V11
82
A_INPACK
L14
127
A_A9
R14
102
A_CD2
H17
140
A_IORD
W15
99
A_A10
W14
95
A_CE1
P13
94
A_IOWR
V15
101
A_A11
P14
100
A_CE2
R13
97
A_OE
U14
98
A_A12
N18
117
A_D0
H14
141
A_READY(IREQ)
J17
135
A_A13
R17
106
A_D1
G18
144
A_REG
K17
130
A_A14
N14
108
A_D2
G14
146
A_RESET
L18
124
A_A15
M14
115
A_D3
U11
83
A_VS1
J18
134
A_A16
P18
112
A_D4
R11
85
A_VS2
M19
122
A_A17
U15
103
A_D5
U12
88
A_WAIT
J14
136
A_A18
T19
105
A_D6
R12
90
A_WE
R19
110
A_A19
P15
107
A_D7
V13
92
A_WP(IOIS16)
H18
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com