Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 4Page - Texas Instruments PCI1221 Datasheet HTML 5Page - Texas Instruments PCI1221 Datasheet HTML 6Page - Texas Instruments PCI1221 Datasheet HTML 7Page - Texas Instruments PCI1221 Datasheet HTML 8Page - Texas Instruments PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 2. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
A_CAD0
U11
83
A_CSTOP
R18
109
B_CAD12
M1
34
CLOCK
E19
151
A_CAD1
R11
85
A_CSTSCHG
H19
138
B_CAD13
L5
33
DATA
F14
152
A_CAD2
P11
84
A_CTRDY
P19
114
B_CAD14
M3
36
DEVSEL
C7
197
A_CAD3
U12
88
A_CVS1
J18
134
B_CAD15
M2
35
FRAME
F8
193
A_CAD4
V12
87
A_CVS2
M19
122
B_CAD16
M6
37
GND
E8
194
A_CAD5
R12
90
A_RSVD
G14
146
B_CAD17
W4
53
GND
C5
207
A_CAD6
P12
89
A_RSVD
W13
91
B_CAD18
U5
54
GND
F12
167
A_CAD7
V13
92
A_RSVD
T19
105
B_CAD19
R6
55
GND
E18
153
A_CAD8
U13
93
AD0
H5
15
B_CAD20
V5
57
GND
B10
181
A_CAD9
W14
95
AD1
G1
14
B_CAD21
U6
59
GND
G2
13
A_CAD10
R13
97
AD2
G3
12
B_CAD22
V6
60
GND
J5
22
A_CAD11
U14
98
AD3
H6
11
B_CAD23
W6
62
GND
K18
129
A_CAD12
P14
100
AD4
F1
10
B_CAD24
V7
65
GND
P2
44
A_CAD13
W15
99
AD5
G5
9
B_CAD25
W7
66
GND
V14
96
A_CAD14
R14
102
AD6
F2
8
B_CAD26
R8
67
GND
P9
75
A_CAD15
V15
101
AD7
E1
6
B_CAD27
W10
76
GNT
C13
168
A_CAD16
U15
103
AD8
G6
4
B_CAD28
V10
77
IDSEL
C10
182
A_CAD17
N19
118
AD9
F5
3
B_CAD29
U10
78
IRDY
A7
195
A_CAD18
M15
119
AD10
E3
2
B_CAD30
R10
79
LATCH
F17
150
A_CAD19
M18
121
AD11
C12
172
B_CAD31
W11
81
MFUNC0
F15
154
A_CAD20
L19
123
AD12
A4
208
B_CAUDIO
W9
71
MFUNC1
E17
155
A_CAD21
L17
125
AD13
E6
206
B_CBLOCK
N6
42
MFUNC2
A16
157
A_CAD22
L15
126
AD14
B5
205
B_CC/BE0
K6
28
MFUNC3
C15
158
A_CAD23
K19
128
AD15
F6
204
B_CC/BE1
N1
39
MFUNC4
E14
159
A_CAD24
K15
131
AD16
B8
191
B_CC/BE2
T1
52
MFUNC5
F13
160
A_CAD25
K14
132
AD17
A8
190
B_CC/BE3
P8
63
MFUNC6/CLKRUN
B15
161
A_CAD26
J19
133
AD18
E9
189
B_CCD1
H3
16
PAR
C6
202
A_CAD27
H14
141
AD19
F9
188
B_CCD2
R9
74
PCLK
A10
180
A_CAD28
H15
142
AD20
B9
186
B_CCLK
P6
48
PERR
A6
199
A_CAD29
G18
144
AD21
A9
185
B_CCLKRUN
U9
73
PRST
A14
166
A_CAD30
G17
145
AD22
F10
184
B_CDEVSEL
R1
47
REQ
B13
169
A_CAD31
F19
147
AD23
E10
183
B_CFRAME
R3
51
RI_OUT/PME
C14
163
A_CAUDIO
J15
137
AD24
F11
179
B_CGNT
P3
46
SERR
B6
200
A_CBLOCK
P15
107
AD25
E13
165
B_CINT
V8
69
SPKROUT
G15
149
A_CC/BE0
P13
94
AD26
C11
177
B_CIRDY
P5
50
STOP
F7
198
A_CC/BE1
W16
104
AD27
B11
176
B_CPAR
N3
41
SUSPEND
D19
156
A_CC/BE2
N18
117
AD28
A12
174
B_CPERR
P1
43
TRDY
B7
196
A_CC/BE3
K17
130
AD29
B12
173
B_CREQ
R7
61
VCC
C9
187
A_CCD1
V11
82
AD30
E12
171
B_CRST
W5
58
VCC
A11
175
A_CCD2
H17
140
AD31
A13
170
B_CSERR
W8
70
VCC
B14
164
A_CCLK
P18
112
B_CAD0
H2
17
B_CSTOP
N5
45
VCC
F3
7
A_CCLKRUN
H18
139
B_CAD1
J1
19
B_CSTSCHG
V9
72
VCC
E7
201
A_CDEVSEL
P17
111
B_CAD2
H1
18
B_CTRDY
R2
49
VCC
G19
143
A_CFRAME
N17
116
B_CAD3
J3
21
B_CVS1
U8
68
VCC
L3
31
A_CGNT
R19
110
B_CAD4
J2
20
B_CVS2
P7
56
VCC
N15
113
A_CINT
J17
135
B_CAD5
K1
24
B_RSVD
K2
25
VCC
U7
64
A_CIRDY
M14
115
B_CAD6
J6
23
B_RSVD
N2
40
VCC
W12
86
A_CPAR
R17
106
B_CAD7
K3
26
B_RSVD
P10
80
VCCA
M17
120
A_CPERR
N14
108
B_CAD8
K5
27
C/BE0
E2
5
VCCB
M5
38
A_CREQ
L14
127
B_CAD9
L1
29
C/BE1
A5
203
VCCI
F18
148
A_CRST
L18
124
B_CAD10
L2
30
C/BE2
C8
192
VCCP
D1
1
A_CSERR
J14
136
B_CAD11
L6
32
C/BE3
A15
162
VCCP
E11
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com