Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 38 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments PCI1221 Datasheet HTML 38Page - Texas Instruments PCI1221 Datasheet HTML 39Page - Texas Instruments PCI1221 Datasheet HTML 40Page - Texas Instruments PCI1221 Datasheet HTML 41Page - Texas Instruments PCI1221 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
using parallel PCI interrupts (continued)
Table 12. Interrupt Pin Register Cross Reference
INTERRUPT SIGNALING MODE
INTRTIE
BIT
INTPIN
FUNCTION 0
INTPIN
FUNCTION 1
Parallel PCI interrupts only
0
0x01 (INTA)
0x02 (INTB)
Parallel IRQ and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ serialized (IRQSER) and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ and PCI serialized (IRQSER) interrupts (default)
0
0x01 (INTA)
0x02 (INTB)
Parallel PCI interrupts only
1
0x01 (INTA)
0x01 (INTA)
Parallel IRQ and parallel PCI interrupts
1
0x01 (INTA)
0x01 (INTA)
IRQ serialized (IRQSER) and parallel PCI interrupts†
1
0x01 (INTA)
0x01 (INTA)
IRQ and PCI serialized (IRQSER) interrupts†
1
0x01 (INTA)
0x01 (INTA)
† When configuring the PCI1221 functions to share PCI interrupts, multifunction terminal MFUNC3 must
be configured as IRQSER prior to setting the INTRTIE bit.
using serialized IRQSER interrupts
The serialized interrupt protocol implemented in the PCI1221 uses a single terminal to communicate all interrupt
status information to the host controller. The protocol defines a serial packet consisting of a start cycle, multiple
interrupt indication cycles, and a stop cycle. All data in the packet is synchronous with the PCI clock. The packet
data describes sixteen parallel ISA IRQ signals and the optional four PCI interrupts INTA, INTB, INTC, and
INTD. For details on the IRQSER protocol refer to the document
Serialized IRQ Support for PCI Systems.
SMI support in the PCI1221
The PCI1221 provides a mechanism for interrupting the system when power changes have been made to the
PC Card socket interfaces. The interrupt mechanism is designed to fit into a system maintenance interrupt (SMI)
scheme. SMI interrupts are generated by the PCI1221, when enabled, after a write cycle to either the socket
control register of the CardBus register set or the power control register of the ExCA register set causes a power
cycle change sequence sent on the power switch interface.
The SMI control is programmed through 3 bits in the system control register. These bits are SMIROUTE,
SMISTATUS, and SMIENB. The SMI control bits function as described in Table 13.
Table 13. SMI Control
BIT NAME
FUNCTION
SMIROUTE
This shared bit controls whether the SMI interrupts are sent as a CSC interrupt or as IRQ2.
SMISTAT
This socket dependent bit is set when an SMI interrupt is pending. This status flag is cleared by writing back a 1.
SMIENB
When set, SMI interrupt generation is enabled. This bit is shared by functions 0 and 1.
If CSC SMI interrupts are selected, then the SMI interrupt is sent as the CSC on a per socket basis. The CSC
interrupt can be either level or edge mode, depending upon the CSCMODE bit in the ExCA global control
register.
If IRQ2 is selected by SMIROUTE, the IRQSER signaling protocol supports SMI signaling in the IRQ2 IRQ/Data
slot. In a parallel ISA IRQ system, the support for an active low IRQ2 is provided only if IRQ2 is routed to either
MFUNC3 or MFUNC6 through the multifunction routing register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com