Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments PCI1221 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
programmable interrupt subsystem
Interrupts provide a way for I/O devices to let the microprocessor know that they require servicing. The dynamic
nature of PC Cards, and the abundance of PC Card I/O applications require substantial interrupt support from
the PCI1221. The PCI1221 provides several interrupt signaling schemes to accommodate the needs of a variety
of platforms. The different mechanisms for dealing with interrupts in this device are based on various
specifications and industry standards. The ExCA register set provides interrupt control for some 16-bit PC Card
functions, and the CardBus socket register set provides interrupt control for the CardBus PC Card functions.
The PCI1221 is, therefore, backward compatible with existing interrupt control register definitions, and new
registers have been defined where required.
The PCI1221 detects PC Card interrupts and events at the PC Card interface and notifies the host controller
using one of several interrupt signaling protocols. To simplify the discussion of interrupts in the PCI1221, PC
Card interrupts are classified as either card status change (CSC) or as functional interrupts.
The method by which any type of PCI1221 interrupt is communicated to the host interrupt controller varies from
system to system. The PCI1221 offers system designers the choice of using parallel PCI interrupt signaling,
parallel ISA-type IRQ interrupt signaling, or the IRQSER serialized ISA and/or PCI interrupt protocol. It is
possible to use the parallel PCI interrupts in combination with either parallel IRQs or serialized IRQs, as detailed
in the sections that follow. All interrupt signalling is provided through the seven multifunction terminals,
MFUNC0–6.
PC Card functional and card status change interrupts
PC Card functional interrupts are defined as requests from a PC Card application for interrupt service and are
indicated by asserting specially-defined signals on the PC Card interface. Functional interrupts are generated
by 16-bit I/O PC Cards and by CardBus PC Cards.
Card status change (CSC)-type interrupts are defined as events at the PC Card interface that are detected by
the PCI1221 and may warrant notification of host card and socket services software for service. CSC events
include both card insertion and removal from PC Card sockets, as well as transitions of certain PC Card signals.
Table 10 summarizes the sources of PC Card interrupts and the type of card associated with them. CSC and
functional interrupt sources are dependent on the type of card inserted in the PC Card socket. The three types
of cards that can be inserted into any PC Card socket are:
D 16-bit memory card
D 16-bit I/O card
D CardBus cards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com