Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 21Page - Texas Instruments PCI1221 Datasheet HTML 22Page - Texas Instruments PCI1221 Datasheet HTML 23Page - Texas Instruments PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
P2C power-switch interface (TPS2202A/2206)
The PCI1221 provides a P2C (PCMCIA Peripheral Control) interface for control of the PC Card power switch.
The CLOCK, DATA, and LATCH terminals interface with the TI TPS2202A/2206 dual-slot PC Card power
interface switches to provide power switch support. Figure 2 shows the terminal assignments of the TPS2206,
and Figure 3 illustrates a typical application where the PCI1221 represents the PCMCIA controller.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5 V
5 V
DATA
CLOCK
LATCH
RESET
12 V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3 V
5 V
NC
NC
NC
NC
NC
12 V
BVPP
BVCC
BVCC
BVCC
NC
OC
3.3 V
3.3 V
NC – No internal connection
Figure 2. TPS2206 Terminal Assignments
The CLOCK terminal on the PCI1221 can be an input or an output. The PCI1221 defaults the CLOCK terminal
as an input to control the serial interface and the internal state machine. The P2CCLK bit in the system control
register can be set by the platform BIOS to enable the PCI1221 to generate and drive the CLOCK internally from
the PCI clock. When the system design implements CLOCK as an output from the PCI1221, an external pull
down is required.
PCI1221
(PCMCIA
Controller)
12 V
Power Supply
VPP1
VPP2
VCC
VCC
PC Card
A
TPS2206
5 V
3.3 V
CLOCK
VPP1
VPP2
VCC
VCC
PC Card
B
12 V
5 V
3.3 V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
BVCC
AVCC
Supervisor
RESET
RESET
DATA
LATCH
Figure 3. TPS2206 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com