Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 80 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 80 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 123 page
background image
80
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA compatibility registers (functions 0 and 1)
The ExCA registers implemented in the PCI1221 are register-compatible with the Intel 82365SL–DF PCMCIA
controller. ExCA registers are identified by an offset value that is compatible with the legacy I/O index/data
scheme used on the Intel 82365 ISA controller. The ExCA registers are accessed through this scheme by writing
the register offset value into the index register (I/O base) and reading or writing the data register (I/O base +
1). The I/O base address used in the index/data scheme is programmed in the PC Card 16-Bit I/F legacy mode
base address register, which is shared by both card sockets. The offsets from this base address run contiguous
from 00h to 3Fh for socket A, and from 40h to 7Fh for socket B. Refer to Figure 21 for an ExCA I/O mapping
illustration.
CardBus Socket/ExCA Base Address
16-Bit Legacy-Mode Base Address
10h
44h
00h
3Fh
Offset
Index
Host I/O Space
Data
PC Card A
ExCA
Registers
PC Card B
ExCA
Registers
40h
7Fh
NOTE: The 16-bit legacy mode base address register is shared by functions 0 and 1 as indicated by the shading.
PCI1221 Configuration Registers
Offset
Figure 21. ExCA Register Access Through I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com