Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial bus EEPROM application
When the PCI bus is reset and the serial bus interface is detected, the PCI1221 attempts to read the subsystem
identification and other register defaults from a serial EEPROM. The registers and corresponding bits that may
be loaded with defaults through the EEPROM are provided in Table 8.
Table 8. Registers and Bits Loadable Through Serial EEPROM
PCI OFFSET
OFFSET
REFERENCE
REGISTER
BITS LOADED FROM EEPROM
40h
01h
Subsystem identification
31–0
80h
02h
System control register
31–29, 27, 26, 24, 15, 14, 6–3, 1
8Ch
03h
Multifunction routing register
27–0
90h
04h
Retry status, Card control, device control, diagnostic
31, 28–24, 22, 19–16, 15, 13, 7, 6
The EEPROM data format is detailed in Figure 14. This format must be followed for the PCI1221 to properly
load initializations from a serial EEPROM. Any undefined condition results in a terminated load and sets the
ROM_ERR bit in the serial bus control and status register.
Slave Address = 1010 000
Reference(0)
Word Address 00h
Byte 3 (0)
Word Address 01h
Byte 2 (0)
Word Address 02h
Byte 1 (0)
Word Address 03h
Byte 0 (0)
Word Address 04h
RSVD
RSVD
RSVD
Reference(1)
Word Address 08h
Reference(n)
Word Address 8
× (n–1)
Byte 3 (n)
Word Address 8
× (n–1) + 1
Byte 2 (n)
Word Address 8
× (n–1) + 2
Byte 1 (n)
Word Address 8
× (n–1) + 3
Byte 0 (n)
Word Address 8
× (n–1) + 4
RSVD
RSVD
RSVD
EOL
Word Address 8
× (n)
Figure 14. EEPROM Data Format
The byte at the EEPROM word address 00h must either contain a valid PCI offset, as listed in Table 8, or an
end-of-list (EOL) indicator. The EOL indicator is a byte value of FFh, and indicates the end of the data to load
from the EEPROM. Only doubleword registers are loaded from the EEPROM, and all bit fields must be
considered when programming the EEPROM.
The serial EEPROM is addressed at slave address 1010000b by the PCI1221. All hardware address bits for
the EEPROM should be tied to the appropriate level to achieve this address. The serial EEPROM chip in the
sample application circuit (Figure 8) assumes the 1010b high address nibble. The lower three address bits are
terminal inputs to the chip, and the sample application shows these terminal inputs tied to GND.
When a valid offset reference is read, four bytes are read from the EEPROM, MSB first, as illustrated in
Figure 13. The address autoincrements after every byte transfer according to the doubleword read protocol.
Note that the word addresses align with the data format illustrated in Figure 14. The PCI1221 continues to load
data from the serial EEPROM until an end-of-list indicator is read. Three reserved bytes are stuffed to maintain
eight byte data structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com