Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 35 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments PCI1221 Datasheet HTML 38Page - Texas Instruments PCI1221 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Card functional and CSC interrupts (continued)
Table 10. Interrupt Mask and Flag Registers
CARD TYPE
EVENT
MASK
FLAG
16-bit
Battery conditions
(BVD1, BVD2)
ExCA offset 05h/45h/805h
bits 1 and 0
ExCA offset 04h/44h/804h
bits 1 and 0
memory
Wait states
(READY)
ExCA offset 05h/45h/805h
bit 2
ExCA offset 04h/44h/804h
bit 2
16 bit I/O
Change in card status
(STSCHG)
ExCA offset 05h/45h/805h
bit 0
ExCA offset 04h/44h/804h
bit 0
16-bit I/O
Interrupt request
(IREQ)
Always enabled
PCI configuration offset 91h
bit 0
All 16-bit
PC Cards
Power cycle complete
ExCA offset 05h/45h/805h
bit 3
ExCA offset 04h/44h/804h
bit 3
Change in card status
(CSTSCHG)
Socket mask
bit 0
Socket event
bit 0
CardBus
Interrupt request
(CINT)
Always enabled
PCI configuration offset 91h
bit 0
CardBus
Power cycle complete
Socket mask
bit 3
Socket event
bit 3
Card insertion or
removal
Socket mask
bits 2 and 1
Socket event
bits 2 and 1
Functional interrupt events are valid only for 16-bit I/O and CardBus cards; that is, the functional interrupts are
not valid for 16-bit memory cards. Furthermore, card insertion and removal-type CSC interrupts are
independent of the card type.
Table 11. PC Card Interrupt Events and Description
CARD TYPE
EVENT
TYPE
SIGNAL
DESCRIPTION
Battery conditions
CSC
BVD1(STSCHG)//CSTSCHG
A transition on BVD1 indicates a change in the
PC Card battery conditions.
16-bit
memory
y
(BVD1, BVD2)
CSC
BVD2(SPKR)//CAUDIO
A transition on BVD2 indicates a change in the
PC Card battery conditions.
memory
Wait states
(READY)
CSC
READY(IREQ)//CINT
A transition on READY indicates a change in
the ability of the memory PC Card to accept or
provide data.
16-bit I/O
Change in
card status
(STSCHG)
CSC
BVD1(STSCHG)//CSTSCHG
The assertion of STSCHG indicates a status
change on the PC Card.
Interrupt request
(IREQ)
Functional
READY(IREQ)//CINT
The assertion of IREQ indicates an interrupt
request from the PC Card.
CardBus
Change in
card status
(CSTSCHG)
CSC
BVD1(STSCHG)//CSTSCHG
The assertion of CSTSCHG indicates a status
change on the PC Card.
Interrupt request
(CINT)
Functional
READY(IREQ)//CINT
The assertion of CINT indicates an interrupt
request from the PC Card.
All PC Cards
Card insertion
or removal
CSC
CD1//CCD1,
CD2//CCD2
A
transition
on
either
CD1//CCD1
or
CD2//CCD2 indicates an insertion or removal
of a 16-bit or CardBus PC Card.
Power cycle
complete
CSC
N/A
An interrupt is generated when a PC Card
power-up cycle has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com