Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 19 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments PCI1221 Datasheet HTML 17Page - Texas Instruments PCI1221 Datasheet HTML 18Page - Texas Instruments PCI1221 Datasheet HTML 19Page - Texas Instruments PCI1221 Datasheet HTML 20Page - Texas Instruments PCI1221 Datasheet HTML 21Page - Texas Instruments PCI1221 Datasheet HTML 22Page - Texas Instruments PCI1221 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
CardBus PC Card interface system (slots A and B)
TERMINAL
PIN NUMBER
I/O
FUNCTION
NAME
SLOT A†
SLOT B‡
TYPE
FUNCTION
PDV
GHK
PDV
GHK
CCLK
112
P18
48
P6
O
CardBus PC Card clock. CCLK provides synchronous timing for all transactions on
the CardBus interface. All signals except CRST, CCLKRUN, CINT, CSTSCHG,
CAUDIO, CCD2-1, and CVS2-CVS1 are sampled on the rising edge of CCLK, and
all timing parameters are defined with the rising edge of this signal. CCLK operates
at the PCI bus clock frequency, but it can be stopped in the low state or slowed down
for power savings.
CCLKRUN
139
H18
73
U9
O
CardBus PC Card clock run. CCLKRUN is used by a CardBus PC Card to request
an increase in the CCLK frequency, and by the PCI1221 to indicate that the CCLK
frequency is going to be decreased.
CRST
124
L18
58
W5
I/O
CardBus PC Card reset. CRST is used to bring CardBus PC Card-specific
registers, sequencers, and signals to a known state. When CRST is asserted, all
CardBus PC Card signals must be 3-stated, and the PCI1221 drives these signals
to a valid logic level. Assertion can be asynchronous to CCLK, but deassertion must
be synchronous to CCLK.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 112 and P18 are A_CCLK.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 48 and P6 are B_CCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com