Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 76 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 72Page - Texas Instruments PCI1221 Datasheet HTML 73Page - Texas Instruments PCI1221 Datasheet HTML 74Page - Texas Instruments PCI1221 Datasheet HTML 75Page - Texas Instruments PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
76
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general-purpose output register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
General-purpose output
Type
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
General-purpose output
Type:
Read only, read/write (see individual bit descriptions)
Offset:
AEh (function 0)
Default:
0000h
Description: The general-purpose output register is used for control of the general-purpose outputs.
Access this register only through function 0. See Table 33 for a complete description of the
register contents.
Table 33. General-Purpose Output Register
BIT
SIGNAL
TYPE
FUNCTION
15-5
RSVD
R
Reserved. Bits 15-5 are read only and return 0 when read. Write transactions have no effect.
4
GPO4_DATA
R/W
GPO4 Data Bit. The value written to bit 4 represents the logical value of the data driven to the
MFUNC5 terminal if configured as GPO4. Read transactions return the last data value written.
3
GPO3_DATA
R/W
GPIO3 Data Bit. The value written to bit 3 represents the logical value of the data driven to the
MFUNC4 terminal if configured as GPO3. Read transactions return the last data value written.
2
GPO2_DATA
R/W
GPO2 Data Bit. The value written to bit 2 represents the logical value of the data driven to the
MFUNC2 terminal if configured as GPO2. Read transactions return the last data value written.
1
GPO1_DATA
R/W
GPO1 Data Bit. The value written to bit 1 represents the logical value of the data driven to the
MFUNC1 terminal if configured as GPO1. Read transactions return the last data value written.
0
GPO0_DATA
R/W
GPO0 Data Bit. The value written to bit 0 represents the logical value of the data driven to the
MFUNC0 terminal if configured as GPO0. Read transactions return the last data value written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com