Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 8Page - Texas Instruments PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
The terminals are grouped in tables by functionality, such as PCI system function, power-supply function, etc. The
terminal numbers are also listed for convenient reference.
power supply
TERMINAL
FUNCTION
NAME
PDV NUMBER
GHK NUMBER
FUNCTION
GND
13, 22, 44, 75, 96, 129, 153,
167, 181, 194, 207
G2, J5, P2, P9, V14, K18, E18,
F12, B10, E8, C5
Device ground terminals
VCC
7, 31, 64, 86, 113, 143, 164,
175, 187, 201
F3, L3, U7, W12, N15, G19,
B14, A11, C9, E7
Power supply terminal for core logic (3.3 V)
VCCA
120
M17
Clamp voltage for PC Card A interface. Indicates Card A
signaling environment, 5 V or 3.3 V.
VCCB
38
M5
Clamp voltage for PC Card B interface. Indicates Card B
signaling environment, 5 V or 3.3 V.
VCCI
148
F18
Clamp voltage for interrupt subsystem interface and
miscellaneous I/O. (5 V or 3.3 V)
VCCP
1, 178
D1, E11
Clamp voltage for PCI signaling (5 V or 3.3 V)
PC Card power switch
TERMINAL
I/O
NAME
PIN NUMBER
I/O
TYPE
FUNCTION
NAME
PDV
GHK
TYPE
CLOCK
151
E19
I/O
Three-line power switch clock. Information on the DATA line is sampled at the rising edge of CLOCK.
CLOCK defaults to an input, but can be changed to a PCI1221 output by using the P2CCLK bit in the
System Control Register. The TPS2206 defines the maximum frequency of this signal to be 2 MHz.
If a system design defines this terminal as an output, then this terminal requires an external pull down
resister. The frequency of the PCI1221 output CLOCK is derived from dividing the PCI CLK by 36.
DATA
152
F14
O
Three-line power switch data. DATA is used to serially communicate socket power control information
to the power switch.
LATCH
150
F17
O
Three-line power switch latch. LATCH is asserted by the PCI1221 to indicate to the PC Card power
switch that the data on the DATA line is valid. When a pulldown resistor is implemented on this
terminal, the MFUNC4 and MFUNC1 terminals provide the serial EEPROM SCL and SDA interface.
PCI system
TERMINAL
NAME
PIN NUMBER
I/O
TYPE
FUNCTION
NAME
PDV
GHK
TYPE
PCLK
180
A10
I
PCI bus clock. PCLK provides timing for all transactions on the PCI bus. All PCI signals are sampled at
the rising edge of PCLK.
PRST
166
A14
I
PCI reset. When the PCI bus reset is asserted, PRST causes the PCI1221 to place all output buffers
in a high-impedance state and reset all internal registers. When PRST is asserted, the device is
completely nonfunctional. After PRST is deasserted, the PCI1221 is in its default state.
When the SUSPEND and PRST are asserted, the device is protected from the PRST clearing the internal
registers. All outputs are placed in a high-impedance state, but the contents of the registers are
preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com