Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 29 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 7. CardBus Socket Registers
REGISTER NAME
OFFSET
Socket event
00h
Socket mask
04h
Socket present state
08h
Socket force event
0Ch
Socket control
10h
Reserved
14h
Reserved
18h
Reserved
1Ch
Socket power management
20h
serial bus interface
The PCI1221 provides a serial bus interface to load subsystem identification and select register defaults through
a serial EEPROM and to provide a PC Card power switch interface alternative to P2C. Refer to
P2C
power-switch interface (TPS2202A/2206) on page 25 for details. The PCI1221 serial bus interface is compatible
with various I2C and SMBus components.
serial bus interface implementation
The PCI1221 defaults to serial bus interface are disabled. To enable the serial interface, a pulldown resistor
must be implemented on the LATCH terminal and the appropriate pullup must be implemented on the SDA and
SCL signals, i.e. the MFUNC1 and MFUNC4 terminals. When the interface is detected, the SBDETECT bit in
the system control register is set. The SBDETECT bit is cleared by a write back of 1.
The PCI1221 implements a two pin serial interface with one clock signal (SCL) and one data signal (SDA). When
a pulldown is provided on the LATCH terminal, the SCL signal is mapped to the MFUNC4 terminal and the SDA
signal is mapped to the MFUNC1 terminal. The PCI1221 drives SCL at nearly 100 kHz during data transfers,
which is the maximum specified frequency for standard mode I2C. An example application implementing the
two-wire serial bus is illustrated in Figure 8.
Serial
EEPROM
A0
A1
A2
PCI1221
MFUNC4
MFUNC1
LATCH
SCL
SDA
VCC
Figure 8. Serial EEPROM Application
Some serial device applications may include PC Card power switches, ZV source switches, card ejectors, or
other devices that may enhance the user’s PC Card experience. The serial EEPROM device and PC Card power
switches are discussed in the sections that follow.
serial bus interface protocol
The SCL and SDA signals are bidirectional, open-drain signals and require pullup resistors as shown in Figure
Figure 8. The PCI1221 supports up to 100 Kb/s data transfer rate and is compatible with standard mode I2C
using seven-bit addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com