Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 16 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments PCI1221 Datasheet HTML 17Page - Texas Instruments PCI1221 Datasheet HTML 18Page - Texas Instruments PCI1221 Datasheet HTML 19Page - Texas Instruments PCI1221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
16-bit PC Card address and data (slots A and B)
TERMINAL
PIN NUMBER
I/O
FUNCTION
NAME
SLOT A†
SLOT B‡
TYPE
FUNCTION
PDV
GHK
PDV
GHK
A25
A24
A23
A22
A21
A20
A19
A18
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
121
118
116
114
111
109
107
105
103
112
115
108
106
117
100
95
102
104
119
123
125
126
128
131
132
133
M18
N19
N17
P19
P17
R18
P15
T19
U15
P18
M14
N14
R17
N18
P14
W14
R14
W16
M15
L19
L17
L15
K19
K15
K14
J19
55
53
51
49
47
45
42
40
37
48
50
43
41
52
34
29
36
39
54
57
59
60
62
65
66
67
R6
W4
R3
R2
R1
N5
N6
N2
M6
P6
P5
P1
N3
T1
M1
L1
M3
N1
U5
V5
U6
V6
W6
V7
W7
R8
O
PC Card address. 16-bit PC Card address lines. A25 is the most-significant bit.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
93
91
89
87
84
147
145
142
92
90
88
85
83
146
144
141
U13
W13
P12
V12
P11
F19
G17
H15
V13
R12
U12
R11
U11
G14
G18
H14
27
25
23
20
18
81
79
77
26
24
21
19
17
80
78
76
K5
K2
J6
J2
H1
W11
R10
V10
K3
K1
J3
J1
H2
P10
U10
W10
I/O
PC Card data. 16-bit PC Card data lines. D15 is the most-significant bit.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 121 and M18 are A_A25.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 55 and R6 are B_A25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com