Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 3Page - Texas Instruments PCI1221 Datasheet HTML 4Page - Texas Instruments PCI1221 Datasheet HTML 5Page - Texas Instruments PCI1221 Datasheet HTML 6Page - Texas Instruments PCI1221 Datasheet HTML 7Page - Texas Instruments PCI1221 Datasheet HTML 8Page - Texas Instruments PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 1. CardBus PC Card Signal Names by GHK/PDV Pin Number
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
D1
1
VCCP
F3
7
VCC
K18
129
GND
R19
110
A_CGNT
A4
208
AD12
F2
8
AD6
K14
132
A_CAD25
P5
50
B_CIRDY
E6
206
AD13
E7
201
VCC
K15
131
A_CAD24
R2
49
B_CTRDY
C6
202
PAR
C7
197
DEVSEL
K17
130
A_CC/BE3
V5
57
B_CAD20
F7
198
STOP
F8
193
FRAME
L2
30
B_CAD10
V6
60
B_CAD22
E8
194
GND
E9
189
AD18
L3
31
VCC
U7
64
VCC
A8
190
AD17
A9
185
AD21
L6
32
B_CAD11
U8
68
B_CVS1
B9
186
AD20
B10
181
GND
L1
29
B_CAD9
V9
72
B_CSTSCHG
C10
182
IDSEL
C11
177
AD26
L17
125
A_CAD21
W10
76
B_CAD27
E11
178
VCCP
B12
173
AD29
K19
128
A_CAD23
P10
80
B_RSVD
A12
174
AD28
B13
169
REQ
L14
127
A_CREQ
P11
84
A_CAD2
A13
170
AD31
E13
165
AD25
L15
126
A_CAD22
U12
88
A_CAD3
A14
166
PRST
G15
149
SPKROUT
M1
34
B_CAD12
V13
92
A_CAD7
A15
162
C/BE3
F14
152
DATA
M2
35
B_CAD15
V14
96
GND
E14
159
MFUNC4
E19
151
CLOCK
M3
36
B_CAD14
P14
100
A_CAD12
C15
158
MFUNC3
F17
150
LATCH
L5
33
B_CAD13
R18
109
A_CSTOP
A16
157
MFUNC2
F1
10
AD4
M18
121
A_CAD19
N14
108
A_CPERR
E3
2
AD10
H6
11
AD3
L18
124
A_CRST
P15
107
A_CBLOCK
C5
207
GND
G3
12
AD2
L19
123
A_CAD20
T1
52
B_CC/BE2
B5
205
AD14
G5
9
AD5
M19
122
A_CVS2
R3
51
B_CFRAME
A5
203
C/BE1
G17
145
A_CAD30
M5
38
VCCB
P7
56
B_CVS2
A6
199
PERR
F18
148
VCCI
N1
39
B_CC/BE1
U6
59
B_CAD21
A7
195
IRDY
F19
147
A_CAD31
N2
40
B_RSVD
P8
63
B_CC/BE3
B8
191
AD16
G14
146
A_RSVD
M6
37
B_CAD16
R8
67
B_CAD26
C9
187
VCC
G1
14
AD1
N18
117
A_CC/BE2
W9
71
B_CAUDIO
E10
183
AD23
H5
15
AD0
M17
120
VCCA
P9
75
GND
F11
179
AD24
H3
16
B_CCD1
M15
119
A_CAD18
R10
79
B_CAD30
A11
175
VCC
G2
13
GND
N19
118
A_CAD17
U11
83
A_CAD0
E12
171
AD30
H14
141
A_CAD27
N6
42
B_CBLOCK
V12
87
A_CAD4
F12
167
GND
G18
144
A_CAD29
P1
43
B_CPERR
W13
91
A_RSVD
C14
163
RI_OUT/PME
G19
143
VCC
P2
44
GND
W14
95
A_CAD9
F13
160
MFUNC5
H15
142
A_CAD28
N3
41
B_CPAR
W15
99
A_CAD13
E17
155
MFUNC1
H1
18
B_CAD2
N15
113
VCC
V15
101
A_CAD15
D19
156
SUSPEND
J1
19
B_CAD1
N17
116
A_CFRAME
U15
103
A_CAD16
F5
3
AD9
J2
20
B_CAD4
M14
115
A_CIRDY
R17
106
A_CPAR
G6
4
AD8
H2
17
B_CAD0
P19
114
A_CTRDY
W4
53
B_CAD17
E2
5
C/BE0
J15
137
A_CAUDIO
P3
46
B_CGNT
U5
54
B_CAD18
F6
204
AD15
H17
140
A_CCD2
R1
47
B_CDEVSEL
R6
55
B_CAD19
B6
200
SERR
H18
139
A_CCLKRUN
P6
48
B_CCLK
W5
58
B_CRST
B7
196
TRDY
H19
138
A_CSTSCHG
N5
45
B_CSTOP
W6
62
B_CAD23
C8
192
C/BE2
J5
22
GND
R7
61
B_CREQ
W7
66
B_CAD25
F9
188
AD19
J6
23
B_CAD6
V7
65
B_CAD24
W8
70
B_CSERR
F10
184
AD22
K1
24
B_CAD5
V8
69
B_CINT
R9
74
B_CCD2
A10
180
PCLK
J3
21
B_CAD3
U9
73
B_CCLKRUN
U10
78
B_CAD29
B11
176
AD27
J19
133
A_CAD26
V10
77
B_CAD28
V11
82
A_CCD1
C12
172
AD11
J14
136
A_CSERR
W11
81
B_CAD31
W12
86
VCC
C13
168
GNT
J17
135
A_CINT
R11
85
A_CAD1
R12
90
A_CAD5
B14
164
VCC
J18
134
A_CVS1
P12
89
A_CAD6
P13
94
A_CC/BE0
B15
161
MFUNC6/CLKRUN
K3
26
B_CAD7
U13
93
A_CAD8
U14
98
A_CAD11
E18
153
GND
K5
27
B_CAD8
R13
97
A_CAD10
R14
102
A_CAD14
F15
154
MFUNC0
K6
28
B_CC/BE0
P18
112
A_CCLK
W16
104
A_CC/BE1
E1
6
AD7
K2
25
B_RSVD
P17
111
A_CDEVSEL
T19
105
A_RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com