Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 65 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 65 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 61Page - Texas Instruments PCI1221 Datasheet HTML 62Page - Texas Instruments PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments PCI1221 Datasheet HTML 66Page - Texas Instruments PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
retry status register
Bit
7
6
5
4
3
2
1
0
Name
Retry status
Type
R/W
R/W
R/C
R
R/C
R
R/C
R
Default
1
1
0
0
0
0
0
0
Register:
Retry status
Type:
Read only, read/write, read/clear (see individual bit descriptions)
Offset:
90h (functions 0, 1)
Default:
C0h
Description: The retry status register enables the retry timeout counters and displays the retry expiration
status. The flags are set when the PCI1221 retries a PCI or CardBus master request, and the
master does not return within 215 PCI clock cycles. The flags are cleared by writing a 1 to the
bit. These bits are expected to be incorporated into the PCI command, PCI status, and bridge
control registers by the PCI SIG. Access this register only through function 0. See Table 23 for
a complete description of the register contents.
Table 23. Retry Status Register
BIT
SIGNAL
TYPE
FUNCTION
7
PCIRETRY
R/W
PCI retry timeout counter enable. Bit 7 is encoded:
0 = PCI retry counter disabled
1 = PCI retry counter enabled (default)
6†
CBRETRY
R/W
CardBus retry timeout counter enable. Bit 6 is encoded:
0 = CardBus retry counter disabled
1 = CardBus retry counter enabled (default)
5
TEXP_CBB
R/C
CardBus target B retry expired. Write a 1 to clear bit 5.
0 = Inactive (default)
1 = Retry has expired
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3†
TEXP_CBA
R/C
CardBus target A retry expired. Write a 1 to clear bit 3.
0 = Inactive (default)
1 = Retry has expired.
2
RSVD
R
Reserved. Bit 2 returns 0 when read.
1
TEXP_PCI
R/C
PCI target retry expired. Write a 1 to clear bit 1.
0 = Inactive (default)
1 = Retry has expired.
0
RSVD
R
Reserved. Bit 0 returns 0 when read.
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com