Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 17 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments PCI1221 Datasheet HTML 17Page - Texas Instruments PCI1221 Datasheet HTML 18Page - Texas Instruments PCI1221 Datasheet HTML 19Page - Texas Instruments PCI1221 Datasheet HTML 20Page - Texas Instruments PCI1221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
16-bit PC Card interface control (slots A and B)
TERMINAL
PIN NUMBER
I/O
FUNCTION
NAME
SLOT A†
SLOT B‡
TYPE
FUNCTION
PDV
GHK
PDV
GHK
BVD1
(STSCHG/RI)
138
H19
72
V9
I
Battery voltage detect 1. BVD1 is generated by 16-bit memory PC Cards that
include batteries. BVD1 is used with BVD2 as an indication of the condition of the
batteries on a memory PC Card. Both BVD1 and BVD2 are kept high when the
battery is good. When BVD2 is low and BVD1 is high, the battery is weak and
should be replaced. When BVD1 is low, the battery is no longer serviceable and
the data in the memory PC Card is lost. See
ExCA card status-change interrupt
configuration register on page 89 for enable bits. See ExCA card status-change
register on page 88 and the ExCA interface status register on page 85 for the
status bits for this signal.
Status change. STSCHG is used to alert the system to a change in the READY,
write protect, or battery voltage dead condition of a 16-bit I/O PC Card.
Ring indicate. RI is used by 16-bit modem cards to indicate a ring detection.
BVD2
(SPKR)
137
J15
71
W9
I
Battery voltage detect 2. BVD2 is generated by 16-bit memory PC Cards that
include batteries. BVD2 is used with BVD1 as an indication of the condition of the
batteries on a memory PC Card. Both BVD1 and BVD2 are high when the battery
is good. When BVD2 is low and BVD1 is high, the battery is weak and should be
replaced. When BVD1 is low, the battery is no longer serviceable and the data
in the memory PC Card is lost. See
ExCA card status-change interrupt
configuration register on page 89 for enable bits. See ExCA card status-change
register on page 88 and the ExCA interface status register on page 85 for the
status bits for this signal.
Speaker. SPKR is an optional binary audio signal available only when the card
and socket have been configured for the 16-bit I/O interface. The audio signals
from cards A and B are combined by the PCI1221 and are output on SPKROUT.
CD1
CD2
82
140
V11
H17
16
74
H3
R9
I
PC Card detect 1 and PC Card detect 2. CD1 and CD2 are internally connected
to ground on the PC Card. When a PC Card is inserted into a socket, CD1 and
CD2 are pulled low. For signal status, see
interface status register on page 88.
CE1
CE2
94
97
P13
R13
28
30
K6
L2
O
Card enable 1 and card enable 2. CE1 and CE2 enable even- and odd-numbered
address bytes. CE1 enables even-numbered address bytes, and CE2 enables
odd-numbered address bytes.
INPACK
127
L14
61
R7
I
Input acknowledge. INPACK is asserted by the PC Card when it can respond to
an I/O read cycle at the current address.
IORD
99
W15
33
L5
O
I/O read. IORD is asserted by the PCI1221 to enable 16-bit I/O PC Card data
output during host I/O read cycles.
IOWR
101
V15
35
M2
O
I/O write. IOWR is driven low by the PCI1221 to strobe write data into 16-bit I/O
PC Cards during host I/O write cycles.
OE
98
U14
32
L6
O
Output enable. OE is driven low by the PCI1221 to enable 16-bit memory PC
Card data output during host memory read cycles.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 127 and L14 are A_INPACK.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 61 and R7 are B_INPACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com