Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 40Page - Texas Instruments PCI1221 Datasheet HTML 41Page - Texas Instruments PCI1221 Datasheet HTML 42Page - Texas Instruments PCI1221 Datasheet HTML 43Page - Texas Instruments PCI1221 Datasheet HTML 44Page - Texas Instruments PCI1221 Datasheet HTML 45Page - Texas Instruments PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PC Card controller programming model
This section describes the PCI1221 PCI configuration registers that make up the 256-byte PCI configuration
header for each PCI1221 function. As noted, some bits are global in nature and should be accessed only
through function 0.
PCI configuration registers (functions 0 and 1)
The PCI1221 is a multifunction PCI device, and the PC Card controller is integrated as PCI functions 0 and 1.
The configuration header is compliant with the PCI specification as a CardBus bridge header and is PC 99
compliant as well. Table 15 shows the PCI configuration header, which includes both the predefined portion of
the configuration space and the user-definable registers.
Table 15. PCI Configuration Registers (Functions 0 and 1)
REGISTER NAME
OFFSET
Device ID
Vendor ID
00h
Status
Command
04h
Class code
Revision ID
08h
BIST
Header type
Latency timer
Cache line size
0Ch
CardBus socket/ExCA base address
10h
Secondary status
Reserved
Capability pointer
14h
CardBus latency timer
Subordinate bus number
CardBus bus number
PCI bus number
18h
CardBus Memory base register 0
1Ch
CardBus Memory limit register 0
20h
CardBus Memory base register 1
24h
CardBus Memory limit register 1
28h
CardBus I/O base register 0
2Ch
CardBus I/O limit register 0
30h
CardBus I/O base register 1
34h
CardBus I/O limit register 1
38h
Bridge control
Interrupt pin
Interrupt line
3Ch
Subsystem ID
Subsystem vendor ID
40h
PC Card 16-bit I/F legacy-mode base address
44h
Reserved
48h–7Ch
System control
80h
Reserved
84h–88h
Multifunction routing
8Ch
Diagnostic
Device control
Card control
Retry status
90h
Reserved
94h-9Fh
Power-management capabilities
Next-item pointer
Capability ID
A0h
PM data
PMCSR bridge support
extensions
Power-management control/status
A4h
General-purpose event enable
General-purpose event status
A8h
General-purpose output
General-purpose input
ACh
Serial bus control/status
Serial bus slave address
Serial bus index
Serial bus data
B0h
Reserved
B4h–FCh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com