Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 42Page - Texas Instruments PCI1221 Datasheet HTML 43Page - Texas Instruments PCI1221 Datasheet HTML 44Page - Texas Instruments PCI1221 Datasheet HTML 45Page - Texas Instruments PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 16. Command Register
BIT
SIGNAL
TYPE
FUNCTION
15–10
RSVD
R
Reserved. Bits 15–10 are read only and return 0s when read. Write transactions have no effect.
9
FBB_EN
R
Fast back-to-back enable. The PCI1221 does not generate fast back-to-back transactions; therefore, bit
9 is read only and returns 0s when read.
8
SERR_EN
R/W
System Error (SERR) enable. Bit 8 controls the enable for the SERR driver on the PCI interface. SERR
can be asserted after detecting an address parity error on the PCI bus. Both bit 8 and bit 6 must be set
for the PCI1221 to report address parity errors.
0 = Disable SERR output driver (default)
1 = Enable SERR output driver
7
STEP_EN
R
Address/data stepping control. The PCI1221 does not support address/data stepping, and bit 7 is
hardwired to 0. Write transactions to this bit have no effect.
6
PERR_EN
R/W
Parity error response enable. Bit 6 controls the PCI1221’s response to parity errors through PERR. Data
parity errors are indicated by asserting PERR, whereas address parity errors are indicated by asserting
SERR.
0 = PCI1221 ignores detected parity error (default)
1 = PCI1221 responds to detected parity errors
5
VGA_EN
R
VGA palette snoop. Bit 5 controls how PCI devices handle accesses to video graphics array (VGA) palette
registers. The PCI1221 does not support VGA palette snooping; therefore, this bit is hardwired to 0. Bit
5 is read only and returns 0 when read. Write transactions to this bit have no effect.
4
MWI_EN
R
Memory write and invalidate enable. Bit 4 controls whether a PCI initiator device can generate memory
write and Invalidate commands. The PCI1221 controller does not support memory write and invalidate
commands, it uses memory write commands instead; therefore, this bit is hardwired to 0. Bit 4 is read only
and returns 0 when read. Write transactions to this bit have no effect.
3
SPECIAL
R
Special cycles. Bit 3 controls whether or not a PCI device ignores PCI special cycles. The PCI1221 does
not respond to special cycle operations; therefore, this bit is hardwired to 0. Bit 3 is read only and returns
0 when read. Write transactions to this bit have no effect.
2
MAST_EN
R/W
Bus master control. Bit 2 controls whether or not the PCI1221 can act as a PCI bus initiator (master). The
PCI1221 can take control of the PCI bus only when this bit is set.
0 = Disables the PCI1221’s ability to generate PCI bus accesses (default)
1 = Enables the PCI1221’s ability to generate PCI bus accesses
1
MEM_EN
R/W
Memory space enable. Bit 1 controls whether or not the PCI1221 can claim cycles in PCI memory space.
0 = Disables the PCI1221’s response to memory space accesses (default)
1 = Enables the PCI1221’s response to memory space accesses
0
IO_EN
R/W
I/O space control. Bit 0 controls whether or not the PCI1221 can claim cycles in PCI I/O space.
0 = Disables the PCI1221 from responding to I/O space accesses (default)
1 = Enables the PCI1221 to respond to I/O space accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com