Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 70 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 66Page - Texas Instruments PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments PCI1221 Datasheet HTML 71Page - Texas Instruments PCI1221 Datasheet HTML 72Page - Texas Instruments PCI1221 Datasheet HTML 73Page - Texas Instruments PCI1221 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 123 page
background image
70
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power-management capabilities register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power-management capabilities
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
1
0
0
0
0
1
Register:
Power-management capabilities
Type:
Read only (see individual bit descriptions)
Offset:
A2h (functions 0, 1)
Default:
7E21h
Description: The power-management capabilities register contains information on the capabilities of the
PC Card function related to power management. Both PCI1221 CardBus bridge functions
support D0, D2, and D3 power states. See Table 27 for a complete description of the register
contents.
Table 27. Power-Management Capabilities Register
BIT
SIGNAL
TYPE
FUNCTION
15–11
PME_CAP
R
PME support. This 5-bit field indicates the power states from which the PCI1221 supports asserting PME.
A 0 for any bit indicates that the CardBus function cannot assert PME from that power state. These five
bits return 01111b when read. Each of these bits is described below:
Bit 15 contains the value 0, indicating that PME cannot be asserted from D3cold state.
Bit 14 contains the value 1, indicating that PME can be asserted from D3hot state.
Bit 13 contains the value 1, indicating that PME can be asserted from D2 state.
Bit 12 contains the value 1, indicating that PME can be asserted from D1 state.
Bit 11 contains the value 1, indicating that PME can be asserted from the D0 state.
10
D2_CAP
R
D2 support. Bit 10 returns a 1 when read, indicating that the CardBus function supports the D2 device
power state.
9
D1_CAP
R
D1 support. Bit 9 returns a 1 when read, indicating that the CardBus function supports the D1 device
power state.
8
DYN_DATA
R
Dynamic data support. Bit 8 returns a 0 when read, indicating that the CardBus function does not report
dynamic power consumption data.
7–6
RSVD
R
Reserved. These bits are reserved and return 00b when read.
5
DSI
R
Device-specific initialization. Bit 5 is read only and returns 1 when read, indicating that the CardBus
controller functions require special initialization (beyond the standard PCI configuration header) before the
generic class device driver is able to use it.
4
AUX_PWR
R
Auxiliary power source. Bit 4 is meaningful only if bit 15 (D3cold supporting PME) is set. When set, bit 4
indicates that the function supplies its own auxiliary power source.
3
PMECLK
R
PME clock. Bit 3 is read only and returns 0 when read, indicating that no host bus clock is required for the
PCI1221 to generate PME.
2–0
VERSION
R
Version. Bits 2–0 return 001b when read, indicating that there are four bytes of general-purpose power
management (PM) registers as described in the
PCI Bus Power Management Interface Specification,
Revision 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com