Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 30 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial bus interface protocol (continued)
All data transfers are initiated by the serial bus master. The beginning of a data transfer is indicated by a start
condition, which is signalled when the SDA line transitions to low state while SCL is in the high state, as
illustrated in Figure 9. The end of a requested data transfer is indicated by a stop condition, which is signalled
by a low to high transition of SDA while SCL is in the high state, as shown in Figure 9. Data on SDA must remain
stable during the high state of the SCL signal, as changes on the SDA signal during the high state of SCL are
interpreted as control signals, that is, a start or a stop condition.
SDA
SCL
Start
Condition
Stop
Condition
Change of
Data Allowed
Data Line Stable,
Data Valid
Figure 9. Serial Bus Start/Stop Conditions and Bit Transfers
Data is transferred serially in 8-bit bytes. The number of bytes that may be transmitted during a data transfer
is unlimited, however, each byte must be completed with an acknowledge bit. An acknowledge (ACK) is
indicated by the receiver pulling the SDA signal low so that it remains low during the high state of the SCL signal.
The acknowledge protocol is illustrated in Figure 10.
SCL From
Master
12
3
78
9
SDA Output
By Transmitter
SDA Output
By Receiver
Figure 10. Serial Bus Protocol Acknowledge
The PCI1221 is a serial bus master; all other devices connected to the serial bus external to the PCI1221 are
slave devices. As the bus master, the PCI1221 drives the SCL clock at nearly 100 kHz during bus cycles and
three-states SCL (zero frequency) during idle states.
Typically, the PCI1221 masters byte reads and byte writes under software control. Doubleword reads are
performed by the serial EEPROM initialization circuitry upon a PCI reset and may not be generated under
software control. Refer to
serial bus EEPROM application on page 32 for details on how the PCI1221
automatically loads the subsystem identification and other register defaults through a serial bus EEPROM.
A byte write is illustrated in Figure 11. The PCI1221 issues a start condition and sends the seven bit slave device
address and the command bit zero. A zero in the R/W command bit indicates that the data transfer is a write.
The slave device acknowledges if it recognizes the address. If there is no acknowledgment received by the
PCI1221, then an appropriate status bit is set in the serial bus control and status register. The word address
byte is then sent by the PCI1221 and another slave acknowledgment is expected. Then the PCI1221 delivers
the data byte MSB first and expects a final acknowledgment before issuing the stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com