Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 79 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 79 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 75Page - Texas Instruments PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 123 page
background image
79
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial bus control and status register
Bit
7
6
5
4
3
2
1
0
Name
Serial bus control and status
Type
R/W
R
R
R
R/C
R/W
R/C
R/C
Default
0
0
0
0
0
0
0
0
Register:
Serial bus control and status
Type:
Read only, read/write, read/clear (see individual bit descriptions)
Offset:
B3h (function 0)
Default:
00h
Description: The serial bus control and status register is used to communicate serial bus status information
and select the quick command protocol. The REQBUSY bit in this register must be polled
during serial bus byte reads to indicate when data is valid in the serial bus data register. See
Table 37 for a complete description of the register contents.
Table 37. Serial Bus Control and Status Register
BIT
SIGNAL
TYPE
FUNCTION
7
PROT_SEL
R/W
Protocol select. When bit 7 is set, the send byte protocol is used on write requests and the receive byte
protocol is used on read commands. The word address byte in the serial bus index register is not output
by the PCI1221 when bit 7 is set.
6
RSVD
R
Reserved. Bit 6 is read only and returns zero when read.
5
REQBUSY
R
Requested serial bus access busy. Bit 5 indicates that a requested serial bus access (byte read or write)
is in progress. A request is made, and bit 5 is set, by writing to the serial bus slave address register. Bit
5 must be polled on reads from the serial interface. After the byte read access has been requested, the
read data is valid in the serial bus data register.
4
ROMBUSY
R
Serial EEPROM Busy status. Bit 4 indicates the status of the PCI1221 serial EEPROM circuitry. Bit 4 is
set during the loading of the subsystem ID and other default values from the serial bus EEPROM.
0 = Serial EEPROM circuitry is not busy
1 = Serial EEPROM circuitry is busy
3
SBDETECT
R/C
Serial bus detect. When bit 3 is set, it indicates that the serial bus interface is detected. A pulldown resistor
must be implemented on the LATCH terminal for bit 3 to be set. If bit 3 is reset, then the MFUNC4 and
MFUNC1 terminals can be used for alternate functions such as general-purpose inputs and outputs.
0 = Serial bus interface not detected
1 = Serial bus interface detected
2
SBTEST
R/W
Serial bus test. When bit 2 is set, the serial bus clock frequency is increased for test purposes.
0 = Serial bus clock at normal operating frequency,
 100 kHz (default)
1 = Serial bus clock frequency increased for test purposes
1
REQ_ERR
R/C
Requested serial bus access error. Bit 1 indicates when a data error occurs on the serial interface during
a requested cycle and may be set due to a missing acknowledge. Bit 1 is cleared by a write back of 1.
0 = No error detected during user requested byte read or write cycle
1 = Data error detected during user requested byte read or write cycle
0
ROM_ERR
R/C
EEPROM data error status. Bit 0 indicates when a data error occurs on the serial interface during the
auto-load from the serial bus EEPROM and may be set due to a missing acknowledge. Bit 0 is also set
on invalid EEPROM data formats. Refer to
serial bus interface implementation on page 29 for details on
EEPROM data format. Bit 0 is cleared by a write back of 1.
0 = No error detected during auto-load from serial bus EEPROM
1 = Data error detected during auto-load from serial bus EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com