Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 83 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 83 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
83
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 38. ExCA Registers and Offsets (Continued)
EXCA REGISTER NAME
PCI MEMORY ADDRESS
ExCA OFFSET (HEX)
EXCA REGISTER NAME
OFFSET (HEX)
CARD A
CARD B
Memory window 2 start-address low byte
820
20
60
Memory window 2 start-address high byte
821
21
61
Memory window 2 end-address low byte
822
22
62
Memory window 2 end-address high byte
823
23
63
Memory window 2 offset-address low byte
824
24
64
Memory window 2 offset-address high byte
825
25
65
Reserved
826
26
66
Reserved
827
27
67
Memory window 3 start-address low byte
828
28
68
Memory window 3 start-address high byte
829
29
69
Memory window 3 end-address low byte
82A
2A
6A
Memory window 3 end-address high byte
82B
2B
6B
Memory window 3 offset-address low byte
82C
2C
6C
Memory window 3 offset-address high byte
82D
2D
6D
Reserved
82E
2E
6E
Reserved
82F
2F
6F
Memory window 4 start-address low byte
830
30
70
Memory window 4 start-address high byte
831
31
71
Memory window 4 end-address low byte
832
32
72
Memory window 4 end-address high byte
833
33
73
Memory window 4 offset-address low byte
834
34
74
Memory window 4 offset-address high byte
835
35
75
I/O window 0 offset-address low byte
836
36
76
I/O window 0 offset-address high byte
837
37
77
I/O window 1 offset-address low byte
838
38
78
I/O window 1 offset-address high byte
839
39
79
Reserved
83A
3A
7A
Reserved
83B
3B
7B
Reserved
83C
3C
7C
Reserved
83D
3D
7D
Reserved
83E
3E
7E
Reserved
83F
3F
7F
Memory window page 0
840
–
–
Memory window page 1
841
–
–
Memory window page 2
842
–
–
Memory window page 3
843
–
–
Memory window page 4
844
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com