Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 23 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 19Page - Texas Instruments PCI1221 Datasheet HTML 20Page - Texas Instruments PCI1221 Datasheet HTML 21Page - Texas Instruments PCI1221 Datasheet HTML 22Page - Texas Instruments PCI1221 Datasheet HTML 23Page - Texas Instruments PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
peripheral component interconnect (PCI) interface
The PCI1221 is fully compliant with the PCI Local Bus Specification Rev. 2.2. The PCI1221 provides all required
signals for PCI master or slave operation, and may operate in either a 5-V of 3.3-V signaling environment by
connecting the VCCP terminals to the desired voltage level. In addition to the mandatory PCI signals, the
PCI1221 provides the optional interrupt signals INTA and INTB.
PCI bus lock (LOCK)
The bus-locking protocol defined in the PCI specification is not highly recommended, but is provided on the
PCI1221 as an additional compatibility feature. The PCI LOCK signal can be routed to the MFUNC4 terminal
via the multifunction routing register, see the
multifunction routing register description on page 62 for details.
Note that the use of LOCK is only supported by PCI-to-CardBus bridges in the downstream direction (away from
the processor).
PCI LOCK indicates an atomic operation that may require multiple transactions to complete. When LOCK is
asserted, nonexclusive transactions can proceed to an address that is not currently locked. A grant to start a
transaction on the PCI bus does not guarantee control of LOCK; control of LOCK is obtained under its own
protocol. It is possible for different initiators to use the PCI bus while a single master retains ownership of LOCK.
Note that the CardBus signal for this protocol is CBLOCK to avoid confusion with the bus clock.
An agent may need to do an exclusive operation because a critical access to memory might be broken into
several transactions, but the master wants exclusive rights to a region of memory. The granularity of the lock
is defined by PCI to be 16 bytes, aligned. The lock protocol defined by PCI allows a resource lock without
interfering with nonexclusive real-time data transfer, such as video.
The PCI bus arbiter may be designed to support only complete bus locks using the LOCK protocol. In this
scenario, the arbiter will not grant the bus to any other agent (other than the LOCK master) while LOCK is
asserted. A complete bus lock may have a significant impact on the performance of the video. The arbiter that
supports complete bus lock must grant the bus to the cache to perform a writeback due to a snoop to a modified
line when a locked operation is in progress.
The PCI1221 supports all LOCK protocol associated with PCI-to-PCI bridges, as also defined for
PCI-to-CardBus bridges. This includes disabling write posting while a locked operation is in progress, which can
solve a potential deadlock when using devices such as PCI-to-PCI bridges. The potential deadlock can occur
if a CardBus target supports delayed transactions and blocks access to the target until it completes a delayed
read. This target characteristic is prohibited by the 2.2 PCI specification, and the issue is resolved by the PCI
master using LOCK.
loading subsystem identification
The subsystem vendor ID register and subsystem ID register make up a doubleword of PCI configuration space
located at offset 40h for functions 0 and 1. This doubleword register is used for system and option card (mobile
dock) identification purposes and is required by some operating systems. Implementation of this unique
identifier register is a PC 95 requirement.
The PCI1221 offers two mechanisms to load a read-only value into the subsystem registers. The first
mechanism relies upon the system BIOS providing the subsystem ID value. The default access mode to the
subsystem registers is read only, but can be made read/write by setting the SUBSYSRW bit in the system control
register (bit 5, at PCI offset 80h). Once this bit is set, the BIOS can write a subsystem identification value into
the registers at offset 40h. The BIOS must clear the SUBSYSRW bit such that the subsystem vendor ID register
and subsystem ID register is limited to read-only access. This approach saves the added cost of implementing
the serial electrically erasable programmable ROM (EEPROM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com