Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 94 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 94 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 90Page - Texas Instruments PCI1221 Datasheet HTML 91Page - Texas Instruments PCI1221 Datasheet HTML 92Page - Texas Instruments PCI1221 Datasheet HTML 93Page - Texas Instruments PCI1221 Datasheet HTML 94Page - Texas Instruments PCI1221 Datasheet HTML 95Page - Texas Instruments PCI1221 Datasheet HTML 96Page - Texas Instruments PCI1221 Datasheet HTML 97Page - Texas Instruments PCI1221 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
94
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 start-address low-byte register (index 10h, 18h, 20h, 28h, 30h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 start-address low byte
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 start-address low byte
Offset:
CardBus socket address + 810h; Card A ExCA offset 10h
Card B ExCA offset 50h
Register:
ExCA memory window 1 start-address low byte
Offset:
CardBus socket address + 818h; Card A ExCA offset 18h
Card B ExCA offset 58h
Register:
ExCA memory window 2 start-address low byte
Offset:
CardBus socket address + 820h; Card A ExCA offset 20h
Card B ExCA offset 60h
Register:
ExCA memory window 3 start-address low byte
Offset:
CardBus socket address + 828h; Card A ExCA offset 28h
Card B ExCA offset 68h
Register:
ExCA memory window 4 start-address low byte
Offset:
CardBus socket address + 830h; Card A ExCA offset 30h
Card B ExCA offset 70h
Type:
Read/write
Default:
00h
Size:
One byte
Description: These registers contain the low byte of the 16-bit memory window start address for memory
windows 0, 1, 2, 3, and 4. The eight bits of these registers correspond to bits A19–A12 of the
start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com