Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 68 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments PCI1221 Datasheet HTML 66Page - Texas Instruments PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments PCI1221 Datasheet HTML 71Page - Texas Instruments PCI1221 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
68
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
diagnostic register
Bit
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
1
1
0
0
0
0
1
Register:
Diagnostic
Type:
Read/write
Offset:
93h (functions 0, 1)
Default:
61h
Description: The diagnostic register is provided for internal TI test purposes. It is a read/write register, but
only 0s should be written to this register. See Table 26 for a complete description of the
register contents.
Table 26. Diagnostic Register
BIT
SIGNAL
TYPE
FUNCTION
7†
TRUE_VAL
R/W
This bit defaults to 0. This bit is encoded as:
0 = Reads true values in PCI Vendor ID and PCI Device ID registers (default)
1 = Reads all 1’s in reads to the PCI Vendor ID and PCI Device ID registers
6-5
RSVD
R/W
Reserved. These bits are reserved for TI internal test purposes. The value of these bits should not be
changed for normal operation.
4†
DIAG4
R/W
Diagnostic RETRY_DIS. Delayed transaction disable.
3†
DIAG3
R/W
Diagnostic RETRY_EXT. Extends the latency from 16 to 64.
2†
DIAG2
R/W
Diagnostic DISCARD_TIM_SEL_CB. Set = 210, reset = 215.
1†
DIAG1
R/W
Diagnostic DISCARD_TIM_SEL_PCI. Set = 210, reset = 215.
0
ASYNC
R/W
Asynchronous interrupt enable.
0 = CSC interrupt is not generated asynchronously
1 = CSC interrupt is generated asynchronously (default)
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com