Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 86 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 86 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments PCI1221 Datasheet HTML 88Page - Texas Instruments PCI1221 Datasheet HTML 89Page - Texas Instruments PCI1221 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
86
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA power-control register (index 02h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA power control
Type
R/W
R
R
R/W
R/W
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA power control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 802h; Card A ExCA offset 02h
Card B ExCA offset 42h
Default:
00h
Description: This register provides PC Card power control. Bit 7 of this register controls the 16-bit outputs
on the socket interface, and can be used for power management in 16-bit PC Card
applications. See Table 41 for a complete description of the register contents.
Table 41. ExCA Power-Control Register (Index 02h)
BIT
SIGNAL
TYPE
FUNCTION
7
COE
R/W
Card output enable. Bit 7 controls the state of all of the 16-bit outputs on the PCI1221. This bit is encoded as:
0 = 16-bit PC Card outputs disabled (default)
1 = 16-bit PC Card outputs enabled
6-5
RSVD
R
Reserved. Bits 6–5 are read only and return 0s when read. Write transactions have no effect.
4-3
EXCAVCC
R/W
VCC. Bits 4-3 are used to request changes to card VCC. This field is encoded as:
00 = 0 V (default)
01 = 0 V reserved
10 = 5 V
11 = 3 V
2
RSVD
R
Reserved. Bit 2 is read only and returns 0 when read. Write transactions have no effect.
1-0
EXCAVPP
R/W
VPP. Bits 1-0 are used to request changes to card VPP. The PCI1221 ignores this field unless VCC to the
socket is enabled (i.e., 5 V or 3.3 V). This field is encoded as:
00 = 0 V (default)
01 = VCC
10 = 12 V
11 = 0 V reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com