Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 97 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 93Page - Texas Instruments PCI1221 Datasheet HTML 94Page - Texas Instruments PCI1221 Datasheet HTML 95Page - Texas Instruments PCI1221 Datasheet HTML 96Page - Texas Instruments PCI1221 Datasheet HTML 97Page - Texas Instruments PCI1221 Datasheet HTML 98Page - Texas Instruments PCI1221 Datasheet HTML 99Page - Texas Instruments PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
97
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 end-address high-byte register (index 13h, 1Bh, 23h, 2Bh, 33h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 end-address high byte
Type
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 end-address high byte
Offset:
CardBus socket address + 813h; Card A ExCA offset 13h
Card B ExCA offset 53h
Register:
ExCA memory window 1 end-address high byte
Offset:
CardBus socket address + 81Bh; Card A ExCA offset 1Bh
Card B ExCA offset 5Bh
Register:
ExCA memory window 2 end-address high byte
Offset:
CardBus socket address + 823h; Card A ExCA offset 23h
Card B ExCA offset 63h
Register:
ExCA memory window 3 end-address high byte
Offset:
CardBus socket address + 82Bh; Card A ExCA offset 2Bh
Card B ExCA offset 6Bh
Register:
ExCA memory window 4 end-address high byte
Offset:
CardBus socket address + 833h; Card A ExCA offset 33h
Card B ExCA offset 73h
Type:
Read only, read/write (see individual bit descriptions)
Default:
00h
Size:
One byte
Description: These registers contain the high nibble of the 16-bit memory window end address for memory
windows 0, 1, 2, 3, and 4. The lower four bits of these registers correspond to bits A23-A20 of
the end address. In addition, the memory window wait states are set in this register. See
Table 48 for a complete description of the register contents.
Table 48. ExCA Memory Window 0–4 End-Address High-Byte Register (Index 13h, 1Bh, 23h, 2Bh, 33h)
BIT
SIGNAL
TYPE
FUNCTION
7-6
MEMWS
R/W
Wait state. Bits 7-6 specify the number of equivalent ISA wait states to be added to 16-bit memory accesses.
The number of wait states added is equal to the binary value of these two bits.
5-4
RSVD
R
Reserved. Bits 5-4 are read only and return 0s when read. Write transactions have no effect.
3-0
ENDHN
R/W
End-address high nibble. Bits 3-0 represent the upper address bits A23–A20 of the memory window end
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com