Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 101 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 101 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 97Page - Texas Instruments PCI1221 Datasheet HTML 98Page - Texas Instruments PCI1221 Datasheet HTML 99Page - Texas Instruments PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 123 page
background image
101
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA card detect and general-control register (index 16h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA I/O card detect and general control
Type
R
R
W
R/W
R
R
R/W
R
Default
X
X
0
0
0
0
0
0
Register:
ExCA card detect and general control
Type:
Read only, write only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 816h; Card A ExCA offset 16h
Card B ExCA offset 56h
Default:
XX00 0000b
Description: This register controls how the ExCA registers for the socket respond to card removal, as well
as reports the status of VS1 and VS2 at the PC Card interface. See Table 50 for a complete
description of the register contents.
Table 50. ExCA Card Detect and General-Control Register (Index 16h)
BIT
SIGNAL
TYPE
FUNCTION
7
VS2STAT
R
VS2 state. Bit 7 reports the current state of VS2 at the PC Card interface and, therefore, does not have
a default value.
0 = VS2 low
1 = VS2 high
6
VS1STAT
R
VS1 state. Bit 6 reports the current state of VS1 at the PC Card interface and, therefore, does not have
a default value.
0 = VS1 low
1 = VS1 high
5
SWCSC
W
Software card detect interrupt. If the card detect enable bit in the card status change interrupt
configuration register is set, writing a 1 to bit 5 causes a card-detect card-status change interrupt for the
associated card socket. If the card detect enable bit is cleared to 0 in the card status change interrupt
configuration register, writing a 1 to the software card detect interrupt bit has no effect. Bit 5 is write only.
A read operation of this bit always returns 0.
4
CDRESUME
R/W
Card detect resume enable. If bit 4 is set to 1, then once a card detect change has been detected on CD1
and CD2 inputs, RI_OUT goes from high to low. RI_OUT remains low until the card status change bit
in the card status change register is cleared. If this bit is a 0, then the card detect resume functionality
is disabled.
0 = Card detect resume disabled (default)
1 = Card detect resume enabled
3-2
RSVD
R
Reserved. Bits 3-2 are read only and return 0s when read. Write transactions have no effect.
1
REGCONFIG
R/W
Register configuration on card removal. Bit 1 controls how the ExCA registers for the socket react to a
card removal event. This bit is encoded as:
0 = No change to ExCA registers on card removal (default)
1 = Reset ExCA registers on card removal
0
RSVD
R
Reserved. Bit 0 is read only and returns 0 when read. Write transactions have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com