Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 51 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 51 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
secondary status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Secondary status
Type
R/C
R/C
R/C
R/C
R/C
R
R
R/C
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
Register:
Secondary status
Type:
Read only, read/clear (see individual bit descriptions)
Offset:
16h
Default:
0200h
Description: The secondary status register is compatible with the PCI-to-PCI bridge secondary status
register, and indicates CardBus-related device information to the host system. This register is
very similar to the PCI status register (offset 06h); status bits are cleared by writing a 1.
Table 18. Secondary Status Register
BIT
SIGNAL
TYPE
FUNCTION
15
CBPARITY
R/C
Detected parity error. Bit 15 is set when a CardBus parity error is detected (either address or data).
14
CBSERR
R/C
Signaled system error. Bit 14 is set when CSERR is signaled by a CardBus card. The PCI1221 does not
assert CSERR.
13
CBMABORT
R/C
Received master abort. Bit 13 is set when a cycle initiated by the PCI1221 on the CardBus bus has been
terminated by a master abort.
12
REC_CBTA
R/C
Received target abort. Bit 12 is set when a cycle initiated by the PCI1221 on the CardBus bus is
terminated by a target abort.
11
SIG_CBTA
R/C
Signaled target abort. Bit 11 is set by the PCI1221 when it terminates a transaction on the CardBus bus
with a target abort.
10–9
CB_SPEED
R
CDEVSEL timing. These read-only bits encode the timing of CDEVSEL and are hardwired 01b,
indicating that the PCI1221 asserts CB_SPEED at a medium speed.
8
CB_DPAR
R/C
CardBus data parity error detected.
0 = The conditions for setting bit 8 have not been met.
1 = A data parity error occurred and the following conditions were met:
a. CPERR was asserted on the CardBus interface.
b. The PCI1221 was the bus master during the data parity error.
c. The parity error response bit is set in the bridge control.
7
CBFBB_CAP
R
Fast back-to-back capable. The PCI1221 cannot accept fast back-to-back transactions; thus, bit 7 is
hardwired to 0.
6
CB_UDF
R
User-definable feature support. The PCI1221 does not support the user-definable features; thus, bit 6
is hardwired to 0.
5
CB66MHZ
R
66-MHz capable. The PCI1221 CardBus interface operates at a maximum CCLK frequency of 33 MHz;
therefore, bit 5 is hardwired to 0.
4–0
RSVD
R
Reserved. Bits 4–0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com