Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 73Page - Texas Instruments PCI1221 Datasheet HTML 74Page - Texas Instruments PCI1221 Datasheet HTML 75Page - Texas Instruments PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 123 page
background image
77
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial bus data register
Bit
7
6
5
4
3
2
1
0
Name
Serial bus data
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Serial bus data
Type:
Read/write
Offset:
B0h (function 0)
Default:
00h
Description: The serial bus data register is for programmable serial bus byte reads and writes. This register
represents the data when generating cycles on the serial bus interface. To write a byte, this
register must be programmed with the data, the serial bus index register must be programmed
with the byte address, the serial bus slave address must be programmed with both the 7-bit
slave address, and the read/write indicator bit must be reset.
On byte reads, the byte address is programmed into the serial bus index register
, the serial
bus slave address must be programmed with both the 7-bit slave address and the read/write
indicator bit must be set, and the REQBUSY bit in the serial bus control and status register
must be polled until clear. Then the contents of this register are valid read data from the serial
bus interface. See Table 34 for a complete description of the register contents.
Table 34. Serial Bus Data Register
BIT
SIGNAL
TYPE
FUNCTION
7-0
SBDATA
R/W
Serial bus data. This bit field represents the data byte in a read or write transaction on the serial interface.
On reads, the REQBUSY bit must be polled to verify that the contents of this register are valid.
serial bus index register
Bit
7
6
5
4
3
2
1
0
Name
Serial bus index
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Serial bus index
Type:
Read/write
Offset:
B1h (function 0)
Default:
00h
Description: The serial bus index register is for programmable serial bus byte reads and writes. This
register represents the byte address when generating cycles on the serial bus interface. To
write a byte, the serial bus data register must be programmed with the data, this register must
be programmed with the byte address, and the serial bus slave address must be programmed
with both the 7-bit slave address and the read/write indicator.
On byte reads, the word address is programmed into this register
, the serial bus slave address
must be programmed with both the 7-bit slave address and the read/write indicator bit must be
set, and the REQBUSY bit in the serial bus control and status register must be polled until
clear. Then the contents of the serial bus data register are valid read data from the serial bus
interface. See Table 35 for a complete description of the register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com