Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 33 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 33 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments PCI1221 Datasheet HTML 32Page - Texas Instruments PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial bus EEPROM application (continued)
Note, the eight-byte data structure is important to provide correct addressing per the doubleword read format
shown in Figure 13. In addition, the reference offsets must be loaded in the EEPROM in sequential order, that
is 01h, 02h, 03h, 04h. If the offsets are not sequential, the registers may be loaded incorrectly.
serial bus power switch application
The PCI1221 does not automatically control a serial bus power switch transparently to host software as it does
for P2C power switches. But, the PCI1221 serial bus interface can be used in conjunction with the power status,
GPE, output, and support software to control a serial bus power switch. If a serial bus power switch interface
is implemented, a pulldown resistor must be provided on the PCI1221 CLOCK terminal to reduce power
consumption.
The PCI1221 supports two common SMBus data write protocols, write byte and send byte formats. The write
byte protocol using a word address of 00h is discussed in
serial bus interface protocol on page 29. The send
byte protocol is shown in Figure 15 using a slave address ‘101001x’. The PROT_SEL bit in the serial bus control
and status register, see Table 37 on page 79, allows the serial bus interface to operate with the send byte
protocol. For more information on programming the serial bus interface, refer to
accessing serial bus devices
through software.
S1
1
0
0
0
1
X
0
b7 b6 b5 b4 b3
b2 b1 b0
AA
Slave Address
Command Code
R/W
S/P = Start/stop condition
A = Slave acknowledgement
P
Figure 15. Send Byte Protocol
The power switch may support an interrupt mode to indicate over current or other power switch related events.
The PCI1221 does not implement logic to respond to these events, but does implement a flexible general
purpose interface to control these events through ACPI and other handlers. Refer to
Advanced Configuration
and Power Interface Specification for details on implementing the PCI1221 in an ACPI system.
accessing serial bus devices through software
The PCI1221 provides a programming mechanism to control serial bus devices through software. The
programming is accomplished through a doubleword of PCI configuration space at offset B0h. Table 9 lists the
registers used to program a serial bus device through software.
Table 9. PCI1221 Registers Used to Program Serial Bus Devices
PCI OFFSET
REGISTER NAME
DESCRIPTION
B0H
Serial bus data
Contains the data byte to send on write commands or the received data byte on read
commands.
B1H
Serial bus index
The content of this register is sent as the word address on byte writes or reads. This
register is not used in the quick command protocol.
B2H
Serial bus slave
address
Write transactions to this register initiate a serial bus transaction. The slave device address
and the R/W command selector are programmed through this register.
B3H
Serial bus control
and status
Read data valid, general busy, and general error status are communicated through this
register. In addition, the protocol select bit is programmed through this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com