Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 95 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 91Page - Texas Instruments PCI1221 Datasheet HTML 92Page - Texas Instruments PCI1221 Datasheet HTML 93Page - Texas Instruments PCI1221 Datasheet HTML 94Page - Texas Instruments PCI1221 Datasheet HTML 95Page - Texas Instruments PCI1221 Datasheet HTML 96Page - Texas Instruments PCI1221 Datasheet HTML 97Page - Texas Instruments PCI1221 Datasheet HTML 98Page - Texas Instruments PCI1221 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
95
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 start-address high-byte register (index 11h, 19h, 21h, 29h, 31h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 start-address high byte
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 start-address high byte
Offset:
CardBus socket address + 811h; Card A ExCA offset 11h
Card B ExCA offset 51h
Register:
ExCA memory window 1 start-address high byte
Offset:
CardBus socket address + 819h; Card A ExCA offset 19h
Card B ExCA offset 59h
Register:
ExCA memory window 2 start-address high byte
Offset:
CardBus socket address + 821h; Card A ExCA offset 21h
Card B ExCA offset 61h
Register:
ExCA memory window 3 start-address high byte
Offset:
CardBus socket address + 829h; Card A ExCA offset 29h
Card B ExCA offset 69h
Register:
ExCA memory window 4 start-address high byte
Offset:
CardBus socket address + 831h; Card A ExCA offset 31h
Card B ExCA offset 71h
Type:
Read/write
Default:
00h
Size:
One byte
Description: These registers contain the high nibble of the 16-bit memory window start address for memory
windows 0, 1, 2, 3, and 4. The lower four bits of these registers correspond to bits A23–A20 of
the start address. In addition, the memory window data width and wait states are set in
this register. See Table 47 for a complete description of the register contents.
Table 47. ExCA Memory Window 0–4 Start-Address High-Byte Register (Index 11h, 19h, 21h, 29h, 31h)
BIT
SIGNAL
TYPE
FUNCTION
7
DATASIZE
R/W
Data size. Bit 7 controls the memory window data width. This bit is encoded as:
0 = Window data width is 8 bits (default).
1 = Window data width is 16 bits.
6
ZEROWAIT
R/W
Zero wait state. Bit 6 controls the memory window wait state for 8- and 16-bit accesses. This wait-state
timing emulates the ISA wait state used by the Intel 82365SL-DF. This bit is encoded as:
0 = 8- and 16-bit cycles have standard length (default).
1 = 8-bit cycles are reduced to equivalent of three ISA cycles.
16-bit cycles are reduced to equivalent of two ISA cycles.
5-4
SCRATCH
R/W
Scratch pad bits. Bits 5-4 are read/write and have no effect on memory window operation.
3-0
STAHN
R/W
Start-address high nibble. Bits 3-0 represent the upper address bits A23–A20 of the memory window
start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com