Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 23Page - Texas Instruments PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments PCI1221 Datasheet HTML 29Page - Texas Instruments PCI1221 Datasheet HTML 30Page - Texas Instruments PCI1221 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
zoom video support (continued)
Figure 5 illustrates an implementation using standard three-state bus drivers with active-low output enables.
ZVSEL0 is an active-low output indicating that the Socket 0 ZV mode is enabled, and ZVSEL1 is an active-low
output indicating that Socket 1 ZV is enabled. When both sockets have ZV mode enabled, the PCI1221 defaults
to indicating socket 0 enabled through ZVSEL0; however, the PORTSEL bit in the card control register allows
software to select the socket ZV source priority. Table 6 illustrates the functionality of the ZV output signals.
Table 6. PC Card Card-Detect and Voltage-Sense Connections
INPUTS
OUTPUTS
PORTSEL
SOCKET 0 ENABLE
SOCKET 1 ENABLE
ZVSEL0
ZVSEL1
ZVSTAT
X
0
0
1
1
0
0
1
X
0
1
1
0
0
1
1
0
1
1
X
1
1
0
1
1
1
0
0
1
1
Also shown in Figure 5 is a third ZV source that may be provided from a source such as a high-speed serial bus
like IEEE1394. The ZVSTAT signal provides a mechanism to switch the third ZV source. ZVSTAT is an
active-high output indicating that one of the PCI1221 sockets is enabled for ZV mode. The implementation
shown in Figure 5 can be used if PC Card ZV is prioritized over other sources.
SPKROUT and CAUDPWM usage
SPKROUT carries the digital audio signal from the PC Card to the system. When a 16-bit PC Card is configured
for I/O mode, the BVD2 pin becomes SPKR. This terminal is also used in CardBus binary audio applications,
and is referred to as CAUDIO. SPKR passes a TTL level digital audio signal to the PCI1221. The CardBus
CAUDIO signal also can pass a single-amplitude binary waveform. The binary audio signals from the two PC
Card Sockets are XOR’ed in the PCI1221 to produce SPKROUT. This output is enabled by the SPKROUTEN
bit in the card control register.
Older controllers support CAUDIO in binary or PWM mode but use the same pin (SPKROUT). Some audio chips
may not support both modes on one pin and may have a separate pin for binary and PWM. The PCI1221
implementation includes a signal for PWM, CAUDPWM, which can be routed to a MFUNC terminal. The
AUD2MUX bit located in the card control register is programmed on a per socket function basis to route a
CardBus CAUDIO PWM terminal to CAUDPWM. If both CardBus functions enable CAUDIO PWM routing to
CAUDPWM, then socket 0 audio takes precedence. Refer to the
multifunction routing register description on
page 62 for details on configuring the MFUNC terminals.
Figure 6 provides an illustration of a sample application using SPKROUT and CAUDPWM.
Speaker
Subsystem
BINARY_SPKR
System
Core Logic
PCI1221
CAUDPWM
SPKROUT
PWM_SPKR
Figure 6. Sample Application of SPKROUT and CAUDPWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com