Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 41Page - Texas Instruments PCI1221 Datasheet HTML 42Page - Texas Instruments PCI1221 Datasheet HTML 43Page - Texas Instruments PCI1221 Datasheet HTML 44Page - Texas Instruments PCI1221 Datasheet HTML 45Page - Texas Instruments PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
vendor ID register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
Register:
Vendor ID
Type:
Read only
Offset:
00h (functions 0, 1)
Default:
104Ch
Description: This 16-bit read-only register contains a value allocated by the PCI SIG (special interest
group) and identifies the manufacturer of the PCI device. The vendor ID assigned to TI is
104Ch.
device ID register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Device ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
1
0
1
1
0
0
0
0
0
1
1
0
0
1
Register:
Device ID
Type:
Read only
Offset:
02h (functions 0, 1)
Default:
AC19h
Description: This 16-bit read-only register contains a value assigned to the PCI1221 by TI. The device
identification for the PCI1221 is AC19h.
command register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
R
R
R/W
R
R/W
R
R
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Type:
Read only, read/write (see individual bit descriptions)
Offset:
04h
Default:
0000h
Description: The command register provides control over the PCI1221 interface to the PCI bus. All bit
functions adhere to the definitions in PCI Local Bus Specification 2.2. None of the bit functions
in this register are shared between the two PCI1221 PCI functions. Two command registers
exist in the PCI1221, one for each function. Software must manipulate the two PCI1221
functions as separate entities when enabling functionality through the command register. The
SERR_EN and PERR_EN enable bits in this register are internally wired-OR between the two
functions, and these control bits appear separately according to their software function. See
Table 16 for the complete description of the register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com