Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 81 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 81 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 123 page
background image
81
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA compatibility registers (functions 0 and 1) (continued)
The TI PCI1221 also provides a memory mapped alias of the ExCA registers by directly mapping them into PCI
memory space. They are located through the CardBus Socket Registers/ExCA Registers Base Address
Register (PCI Register 10h) at memory offset 800h. Each socket has a separate base address programmable
by function. Refer to Figure 22 for an ExCA memory mapping illustration. Note that memory offsets are
800h–844h for both functions 0 and 1. This illustration also identifies the CardBus Socket Register mapping,
which are mapped into the same 4K-window at memory offset 0h.
CardBus Socket/ExCA Base Address
16-Bit Legacy-Mode Base Address
10h
44h
NOTE: The CardBus socket/ExCA base address mode register is separate for functions 0 and 1.
PCI1221 Configuration Registers
CardBus
Socket A
Registers
Host
Memory Space
00h
ExCA
Registers
Card A
20h
800h
844h
Offset
CardBus
Socket B
Registers
Host
Memory Space
00h
ExCA
Registers
Card B
20h
800h
844h
Offset
Offset
Figure 22. ExCA Register Access Through Memory
The interrupt registers, as defined by the 82365SL–DL Specification, in the ExCA register set control such card
functions as reset, type, interrupt routing, and interrupt enables. Special attention must be paid to the interrupt
routing registers and the host interrupt signaling method selected for the PCI1221 to ensure that all possible
PCI1221 interrupts can potentially be routed to the programmable interrupt controller. The ExCA registers that
are critical to the interrupt signaling are at memory address ExCA offset 803h and 805h.
Access to I/O mapped 16-bit PC cards is available to the host system via two ExCA I/O windows. These are
regions of host I/O address space into which the card I/O space is mapped. These windows are defined by start,
end, and offset addresses programmed in the ExCA registers described in this section. I/O windows have byte
granularity.
Access to memory mapped 16-bit PC Cards is available to the host system via five ExCA memory windows.
These are regions of host memory space into which the card memory space is mapped. These windows are
defined by start, end, and offset addresses programmed in the ExCA registers described in this section.
(Table 38 identifies each ExCA register and its respective ExCA offset.) Memory windows have 4K-byte
granularity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com