Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 85 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments PCI1221 Datasheet HTML 88Page - Texas Instruments PCI1221 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 123 page
background image
85
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA interface status register (index 01h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA interface status
Type
R
R
R
R
R
R
R
R
Default
0
0
X
X
X
X
X
X
Register:
ExCA interface status
Type:
Read only (see individual bit descriptions)
Offset:
CardBus socket address + 801h; Card A ExCA offset 01h
Card B ExCA offset 41h
Default:
00XX XXXXb
Description: This register provides information on the current status of the PC Card interface. An X in the
default bit value indicates that the value of the bit after reset depends on the state of the
PC Card interface. See Table 40 for a complete description of the register contents.
Table 40. ExCA Interface Status Register (Index 01h)
BIT
SIGNAL
TYPE
FUNCTION
7
RSVD
R
Reserved. Bit 7 is read only and returns 0 when read. Write transactions have no effect.
6
CARDPWR
R
Card Power. Bit 6 indicates the current power status of the PC Card socket. This bit reflects how the power
control register is programmed. Bit 6 is encoded as:
0 = VCC and VPP to the socket turned off (default)
1 = VCC and VPP to the socket turned on
5
READY
R
Ready. Bit 5 indicates the current status of the READY signal at the PC Card interface.
0 = PC Card not ready for data transfer
1 = PC Card ready for data transfer
4
CARDWP
R
Card write protect. Bit 4 indicates the current status of WP at the PC Card interface. This signal reports
to the PCI1221 whether or not the memory card is write protected. Furthermore, write protection for an
entire PCI1221 16-bit memory window is available by setting the appropriate bit in the memory window
offset high-byte register.
0 = WP is 0. PC Card is R/W.
1 = WP is 1. PC Card is read only.
3
CDETECT2
R
Card detect 2. Bit 3 indicates the status of CD2 at the PC Card interface. Software may use this and
CDETECT1 to determine if a PC Card is fully seated in the socket.
0 = CD2 is 1. No PC Card is inserted.
1 = CD2 is 0. PC Card is at least partially inserted.
2
CDETECT1
R
Card detect 1. Bit 2 indicates the status of CD1 at the PC Card interface. Software may use this and
CDETECT2 to determine if a PC Card is fully seated in the socket.
0 = CD1 is 1. No PC Card is inserted.
1 = CD1 is 0. PC Card is at least partially inserted.
1-0
BVDSTAT
R
Battery voltage detect. When a 16-bit memory card is inserted, the field indicates the status of the battery
voltage detect signals (BVD1, BVD2) at the PC Card interface, where bit 1 reflects the BVD2 status and
bit 0 reflects BVD1.
00 = Battery dead
01 = Battery dead
10 = Battery low; warning
11 = Battery good
When a 16-bit I/O card is inserted, this field indicates the status of SPKR (bit 1) and STSCHG (bit 0) at
the PC Card interface. In this case, the two bits in this field directly reflect the current state of these card
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com