Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 88 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 88 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments PCI1221 Datasheet HTML 88Page - Texas Instruments PCI1221 Datasheet HTML 89Page - Texas Instruments PCI1221 Datasheet HTML 90Page - Texas Instruments PCI1221 Datasheet HTML 91Page - Texas Instruments PCI1221 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 123 page
background image
88
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA card status-change register (index 04h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA card status change
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
Register:
ExCA card status change
Type:
Read only (see individual bit descriptions)
Offset:
CardBus socket address + 804h; Card A ExCA offset 04h
Card B ExCA offset 44h
Default:
00h
Description: The card status-change register controls interrupt routing for I/O interrupts as well as other
critical 16-bit PC Card functions. The register enables these interrupt sources to generate an
interrupt to the host. When the interrupt source is disabled, the corresponding bit in this
register always reads 0. When an interrupt source is enabled, the corresponding bit in this
register is set to indicate that the interrupt source is active. After generating the interrupt to the
host, the interrupt service routine must read this register to determine the source of the
interrupt. The interrupt service routine is responsible for resetting the bits in this register as
well. Resetting a bit is accomplished by one of two methods: a read of this register or an
explicit write back of 1 to the status bit. The choice of these two methods is based on the
interrupt flag clear mode select, bit 2, in the global control register. See Table 43 for a
complete description of the register contents.
Table 43. ExCA Card Status-Change Register (Index 04h)
BIT
SIGNAL
TYPE
FUNCTION
7-4
RSVD
R
Reserved. Bits 7-4 are read only and return 0s when read. Write transactions have no effect.
3
CDCHANGE
R
Card detect change. Bit 3 indicates whether a change on CD1 or CD2 occurred at the PC Card
interface. This bit is encoded as:
0 = No change detected on either CD1 or CD2
1 = Change detected on either CD1 or CD2
2
READYCHANGE
R
Ready change. When a 16-bit memory is installed in the socket, bit 2 includes whether the source
of a PCI1221 interrupt was due to a change on READY at the PC Card interface, indicating that the
PC Card is now ready to accept new data. This bit is encoded as:
0 = No low-to-high transition detected on READY (default)
1 = Detected low-to-high transition on READY
When a 16-bit I/O card is installed, bit 2 is always 0.
1
BATWARN
R
Battery warning change. When a 16-bit memory card is installed in the socket, bit 1 indicates whether
the source of a PCI1221 interrupt was due to a battery-low warning condition. This bit is encoded as:
0 = No battery warning condition (default)
1 = Detected battery warning condition
When a 16-bit I/O card is installed, bit 1 is always 0.
0
BATDEAD
R
Battery dead or status change. When a 16-bit memory card is installed in the socket, bit 0 indicates
whether the source of a PCI1221 interrupt was due to a battery dead condition. This bit is encoded
as:
0 = STSCHG deasserted (default)
1 = STSCHG asserted
Ring indicate. When the PCI1221 is configured for ring indicate operation, bit 0 indicates the status
of RI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com